PART |
Description |
Maker |
FGH75N60SF FGH75N60SFTU |
Discrete IGBT IGBT, TO-247AB ROHS COMPLIANT PACKAGE-3 600V, 75A Field Stop IGBT
|
Fairchild Semiconductor, Corp.
|
FGH80N60FD2 |
600V, Field Stop IGBT
|
Fairchild Semiconductor
|
FGH20N60UFD11 |
600V, 20A Field Stop IGBT
|
Fairchild Semiconductor
|
FGB20N60SFD |
600V, 20A Field Stop IGBT
|
Fairchild Semiconductor
|
FGH75N60UF FGH75N60UFTU |
600V, 75A Field Stop IGBT
|
Fairchild Semiconductor
|
FGAF40N60SMD |
600V, 40A, Field Stop IGBT
|
Fairchild Semiconductor
|
RGCL60TS60D |
600V 30A Field Stop Trench IGBT
|
ROHM
|
RGCL80TS60C11 |
600V 40A Field Stop Trench IGBT
|
ROHM
|
FGH40T65UPD |
650V, 40A, Field Stop Trench IGBT 650 V, 40 A Field Stop Trench IGBT
|
Fairchild Semiconductor
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
APTGT20H60T3G |
Full - Bridge Trench Field Stop IGBT Power Module 32 A, 600 V, N-CHANNEL IGBT
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|