PART |
Description |
Maker |
TS2931CT90 TS2931 TS2931CS TS2931CS10 TS2931CS12 T |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 100mA Ultra Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
MC79L08F09 MC79L08F-TP |
Three-Terminal Low Current Negative Voltage Regulat
|
Micro Commercial Components
|
AS78LXX_07 AS78L05RTR-E1 AS78L05Z-E1 AS78L05ZTR-E1 |
100mA POSITIVE VOLTAGE REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|
AN78L00 AN78L00M |
3-pin Positive Output Voltage Regulator 100mA Type
|
PANASONIC[Panasonic Semiconductor]
|
NTE981 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA Integrated Circuit Positive 3 Terminal Voltage Regulator 100mA
|
NTE[NTE Electronics]
|
NTE977 NTE950 NTE951 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
|
NTE[NTE Electronics]
|
MC74HC00AF MC74HC00AFEL MC78L05ACDR2 MC78L05ABPG M |
Quad 2-Input NAND Gate 100mA, 5V, Positive Voltage Regulator
|
ON Semiconductor
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.0YM MIC5200- |
100mA Low-Dropout Regulator IC REG LDO 100MA 3.3V 1% SOT223 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 IC REG LDO 100MA 5.0V 1% 8SOIC 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
IP7805A IP7805SMD IP7812 IP7812A LM140 LM140K-12 L |
1 AMP POSITIVE VOLTAGE REGULATOR 1.5A, 15V Positive Voltage Regulator 1 AMP Positive Voltage Regulator(1.5 A ,5V绋冲??? 1 AMP Positive Voltage Regulator(1.5 A ,15V稳压 1 AMP positive vlotage regulators 1 AMP Positive Voltage Regulators Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MSFM3 Voltage Regulator 电压调节 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 1AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, MSFM3 1 AMP Positive Voltage Regulator(1.5 A ,12V绋冲??? 1.5A, 5V Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd. TE Connectivity, Ltd. Semtech, Corp. Analog Integrations, Corp. Amphenol, Corp. SEMELAB LTD
|
LP2950 LP2951ACS-5-0_TR LP2951CS-L-5-0 LP2950CN-L- |
5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, LOW DROPOUT VOLTAGE REGULATORS
|
http:// Exar Corporation
|
NTE1903 |
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA 集成电路端稳压器 12V的,100mA
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
|