PART |
Description |
Maker |
STM809 STM809LW16F STM809LWX6F STM809MW16F STM809M |
320mW; I(o): 20mA; V(cc): -0.3 to 7.0V; reset circuit (STM809 - STM812) Reset Circuit Reset Circuit 复位电路
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V. ??????浣?
|
LVP-100-ZA-2.5-SR7 LVP-50-GA-5-SA7 LVP-100-GA-5-SR |
POSITION, LINEAR SENSOR-DC, 100-100mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-DC, 50-50mm, 4-20mA, CYLINDRICAL POSITION, LINEAR SENSOR-DC, 200-200mm, 4-20mA, CYLINDRICAL
|
Micro-Epsilon Group
|
SB002-15CP |
150V/ 20mA Rectifier 150V, 20mA Rectifier Small signal(single type)
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
PIC16F636E/MF PIC16F636E/MFQTP PIC16F636E/P PIC16F |
Triple 4-3-3-Input NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 DIODE ZENER SINGLE 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-323 3K/REEL DIODE ZENER SINGLE 150mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-523 3K/REEL DIODE ZENER DUAL ISOLATED 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 350mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-23 3K/REEL DIODE ZENER SINGLE 150mW 3Vz 20mA-Izt 0.05 50uA-Ir 1 SOT-523 3K/REEL DIODE ZENER SINGLE 350mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-23 3K/REEL RECTIFIER STANDARD SINGLE 1.5A 600V 600 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-SOIC 0 to 70 RECTIFIER STANDARD SINGLE 1.5A 800V 800 50A-ifsm 5uA-ir 1.1V-vf DO-15 4K/REEL-13 DIODE ZENER DUAL ISOLATED 200mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-363 3K/REEL DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOT-323 3K/REEL DIODE ZENER SINGLE 350mW 7.5Vz 20mA-Izt 0.05 3uA-Ir 6 SOT-23 3K/REEL 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER TRIPLE ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER DUAL ISOLATED 200mW 6.8Vz 20mA-Izt 0.05 3uA-Ir 5 SOT-363 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 DIODE ZENER SINGLE 200mW 6.2Vz 20mA-Izt 0.05 5uA-Ir 4 SOT-323 3K/REEL 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY 8/14-PIN基于闪存8位CMOS微控制器采用纳瓦技 Buck Pulse Width Modulator Stepdown Voltage Regulator 16-PDIP 0 to 70 8/14-PIN基于闪存位CMOS微控制器采用纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MAX1459C/D MAX1459AAPT |
2-Wire, 4-20mA Smart Signal Conditioner SPECIALTY ANALOG CIRCUIT, PDSO20 2-Wire / 4-20mA Smart Signal Conditioner
|
Maxim Integrated Products, Inc.
|
PWR5900 PWR5901 PWR5902 PWR5903 PWR5904 PWR5905 PW |
.5-1.0 WATT DUAL-IN-LINE REGULATED DC/DC CONVERTER 1-OUTPUT 0.5 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 8.7Vz 20mA-Izt 0.05 3uA-Ir 6.5Vr DO35-GLASS 5K/REEL 1-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 12Vz 20mA-Izt 0.05 1uA-Ir 9.1Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 12Vz 20mA-Izt 0.05 1uA-Ir 9.1Vr DO35-GLASS 5K/AMMO
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
Z8937320ASC Z8937320VSC Z8937320FSC Z8927320VSC Z8 |
16-BIT, 20 MHz, OTHER DSP, PQCC44 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes 16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
|
ZILOG INC Zilog, Inc.
|
NMRTB-CSS-T3U3U3V3R3S3 |
SPNovaLED: 20mA
|
DOMINANT Semiconductors
|
A63L0636E-4.2F A63L0636 A63L0636E A63L0636E-2.6 A6 |
DIODE ZENER SINGLE 500mW 4.3Vz 20mA-Izt 0.05 5uA-Ir 1Vr DO35-GLASS 5K/AMMO 100万米6位同步高的Burst计数器和流水线数据输出高速SRAM 1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output 100万米36位同步高的Burst计数器和流水线数据输出高速SRAM ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% DIODE ZENER SINGLE 500mW 5.6Vz 20mA-Izt 0.05 5uA-Ir 3Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. http:// AMIC Technology Corporation AMICC[AMIC Technology]
|
CL320 |
3-Channel 20mA Linear LED Driver
|
Supertex
|
MAX1367ECM MAX1365ECM MAX1367 MAX1365 |
Stand-Alone, 4.5-/3.5-Digit Panel Meters with 4-20mA Output
|
MAXIM[Maxim Integrated Products]
|