PART |
Description |
Maker |
TC74LCXZA240FK TC74LCXZA240FT |
74LCX low voltage CMOS logic IC series
|
TOSHIBA
|
74LCX540FT |
74LCX low voltage CMOS logic IC series
|
TOSHIBA
|
TC74LCXZA244FK TC74LCXZA244FT |
74LCX low voltage CMOS logic IC series
|
TOSHIBA
|
BC858C Q62702-C1773 Q62702-C1774 BC856-BC860 Q6270 |
From old datasheet system PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-PDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-PDIP -55 to 125
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG SIEMENS A G
|
BU4069F BU4069FV BU4069UB-E2 BU4069UBF-E2 BU4069UB |
4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14 High Voltage CMOS Logic ICs High Voltage CMOS Logic ICs Gate
|
http:// Rohm
|
74HC1G02GW/T1 74HCT1G02GW/T1 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits IC-SM-CMOS LOGIC 集成电路钐CMOS逻辑
|
NXP Semiconductors N.V.
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
CD40109BMS FN3196 CD40109BDMSR |
4000/14000/40000 SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, CDIP16 CMOS Quad Low-to-High Voltage Level Shifter 的CMOS四路低到高电压电平转换器 From old datasheet system Level Shifter, Low to High, Quad, Rad-Hard, CMOS, Logic
|
TOKO, Inc. INTERSIL[Intersil Corporation]
|
ST26C32A ST26C32ABD ST26C32ABDR ST26C32ABN ST26C32 |
FPGA, FLEX 10KE, 30K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K30E; Voltage, supply:2.5V; Case style MOSFET, N, SO-8; Transistor type:MOSFET; Current, Id cont:3.2A; Resistance, Rds on:5R; Voltage, Vgs Rds on measurement:10V; Case style:SO-8 PowerPak CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER
|
意法半导 STMicroelectronics
|
BU4053BCFV-E2 BU4066BCF-E2 BU4066BC11 |
High Voltage CMOS Logic ICs High Voltage CMOS Logic ICs <Analog Switch>
|
http:// Rohm
|
SMBJ18A SMBJ100 SMBJ10A SMBJ48 SMBJ7.5 SMBJ7.0A SM |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-CDIP -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 CMOS Dual Binary to 1-of-4 Decoder/Demultiplexer with Outputs High on Select 16-SOIC -55 to 125 CMOS 8-Bit Priority Encoder 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-CDIP -55 to 125 High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-CDIP -55 to 125 CMOS 4-Bit Latch/4-to-16 Line Decoder with Output 'High' on Select 24-SOIC -55 to 125
|
Jinan Gude Electronic Devic... 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] http:// Jinan Gude Electronic D...
|
BL-B4137B BL-B4137E BL-B4137M BL-B4137N BL-B9137E |
STANDARD LED LAMPS 标准LED节能 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SSOP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 RESISTOR, 10 1% 1/2W, 2010, SMD High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Yellow Stone, Corp. 早安股份有限公司 ETC YSTONE[Yellow Stone Corp]
|