PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
PWB3010-1LB PWB1010-1LB PWB-4-BLC PWB-2-BLB PWB-1- |
Wideband RF transformer, SMT, RoHS 0.03 MHz - 250 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.14 MHz - 700 MHz RF TRANSFORMER Wideband RF transformer, SMT, RoHS 0.2 MHz - 400 MHz RF TRANSFORMER 0.13 MHz - 425 MHz RF TRANSFORMER
|
Coilcraft, Inc. COILCRAFT INC
|
80T-1.9 D80T-.9 D24-12 D68-11 12-12 |
POWER TRANSFORMER, 150 VA POWER TRANSFORMER, 75 VA POWER TRANSFORMER, 300 VA POWER TRANSFORMER, 750 VA
|
|
Y8844-AL Z9260-AL |
NOT RoHS. Transformer, for ON NCP1200, 3.5W (add 'L' for compliant version) 3.5 W, SMPS TRANSFORMER Transformer, for ON NCP1200, 70W, RoHS 67 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
EPC3408G-LF |
PoE Synchronous Flyback Transformer SMPS TRANSFORMER LEAD FREE
|
PCA ELECTRONICS INC. Integrated Device Technology, Inc.
|
2745B |
T1/E1 Transformer T1/E1变压 HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
|
Vishay Intertechnology, Inc. BEL[Bel Fuse Inc.]
|
S560-6600-KU |
ADSL MAGNETICS Isolation Transformer TELECOM TRANSFORMER
|
Bel Fuse Inc. Bel Fuse, Inc.
|