PART |
Description |
Maker |
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
2SB857 2SB857-B-T6CK 2SB857-B-T6CR 2SB857-B-T6CT 2 |
SILICON PNP TRANSISTOR 硅PNP晶体 SILICON PNP TRANSISTOR 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252
|
??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FCX790A FCX790ATA FCX790A-15 |
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR TRANSISTOR PNP-40V -2000MA SOT89 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Zetex Semiconductor PLC
|
CFB810 |
60.000W Medium Power PNP Plastic Leaded Transistor. 110V Vceo, 8.000A Ic, 1000 hFE. PNP SILICON PLASTIC POWER DARLINGTON TRANSISTOR TRANSISTOR | BJT | DARLINGTON | PNP | 110V V(BR)CEO | 8A I(C) | TO-220FP
|
Continental Device India Limited
|
2N5883 |
Complementary Silicon PNP Power Transistor(25A00W0V(集电极-发射极),补偿型PNP功率晶体 25 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
2N4399 |
PNP Silicon High-Power Transistor(60V(集电极-发射极)硅PNP大功率晶体管) 30 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
KSA1010RTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
2N6193 JANTXV2N6193 JANTX2N6193 |
PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561 PNP Transistor
|
Microsemi Corporation
|
MJD210 MJD210-I MJD210TF |
PNP Epitaxial Silicon Transistor D-PAK for Surface Mount Applications 5 A, 25 V, PNP, Si, POWER TRANSISTOR, TO-252
|
Fairchild Semiconductor Corporation Motorola, Inc Fairchild Semiconductor, Corp.
|