PART |
Description |
Maker |
50N06-TA3-T 50N06-TF3-T 2SA102005 2SA1797-X-AA3-R |
SILICON PNP EPITAXIAL TRANSISTOR 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR SILICON PNP EPITAXIAL TRANSISTOR 进步党硅外延晶体 REVERSIBLE MOTOR DRIVER NPN EPITAXIAL PLANAR TRANSISTOR HIGH CURRENT SWITCHIG APPLICATIONS HIGH CURRENT SWITCHING APPLICATIONS HIGH VOLTAGE NPN TRANSISTOR HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR NPN SILICON TRANSISTOR HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA) HIGH-FREQUENCY AMPLIFIER TRANSISTOR AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR SILICON PNP TRANSISTOR LOW FREQUENCY PNP TRANSISTOR MEDIUM POWER LOW VOLTAGE TRANSISTOR MEDIUM POWER TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR PNP EPITAXIAL PLANAR TRANSISTOR 50 Amps, 60 Volts N-CHANNEL POWER MOSFET
|
UNISONIC TECHNOLOGIES CO LTD ??『绉???′唤?????? Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FCX1151A FCX1151ATA |
PNP Low Sat Transistor SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR 3000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX[Zetex Semiconductors] Diodes Incorporated List of Unclassifed Manufacturers
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
2SB941 2SB941A 2SD1266A 2SB0941 2SD1266 2SB941APQ |
Silicon PNP epitaxial planar type power transistor Silicon PNP epitaxial planar type(For low-frequency power amplification) 3 A, 80 V, PNP, Si, POWER TRANSISTOR 3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
PANASONIC[Panasonic Semiconductor] PANASONIC CORP
|
2SA1394 2SA1394L 2SA1394-AZ |
5 A, 60 V, PNP, Si, POWER TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON POWER TRANSISTOR
|
NEC Corp. NEC[NEC]
|
KSA1010RTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FJPF1943RTU |
PNP Epitaxial Silicon Transistor; Package: TO-220F; No of Pins: 3; Container: Rail 15 A, 230 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
KSB772 B772 KSB772Y KSB772G KSB772O KSB772R KSB772 |
PNP Epitaxial Silicon Transistor Audio Frequency Power Amplifier 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-126
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
FZT1149A FZT1149ATA FZT1149A-15 |
PNP Low Sat Transistor PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated
|
2SA1804O 2SA1804 |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE POWER AMPLIFIER APPLICATIONS TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 8A I(C) | TO-247VAR
|
TOSHIBA
|