PART |
Description |
Maker |
ZXLD1366QEN8TC |
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
|
Diodes
|
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
ZXLD1356 |
High accuracy 550mA, 60V LED driver with internal switch
|
Diodes Incorporated
|
UL23EBL-SH2-R |
HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
|
Unisonic Technologies
|
SP7616ER-L SP7616 SP7616ER-L/TR |
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
|
Exar Corporation
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX670 MAX6700 MAX6700-MAX6710 MAX6700UT-T MAX6710 |
In1 adj, In2 Vcc, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage レP Supervisory Circuits in SOT Package Low-Voltage / High-Accuracy / Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage.High-Accuracy.Triple/Quad Voltage µ.P Supervisory Circuits in SOT Package 低电压、高精度、三/四路电压、微处理器监控电路,SOT封装 In1 5 V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 1.8 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
|