PART |
Description |
Maker |
2SD2150 2SC4115S 2SD2264 A5800368 2SD2150R |
Low Frequency Transistor(20V/ 3A) TRANSISTOR | BJT | NPN | 20V V(BR)CEO | 3A I(C) | SC-62 From old datasheet system Low Frequency Transistor (20V, 3A) Low Frequency Transistor(20V, 3A) Transistors > Small Signal Bipolar Transistors(up to 0.6W)
|
Rohm
|
CDBF0320-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=20V, V-R=20V, I-O=0.35A
|
Comchip Technology
|
PJP110ACZ |
20V; 10A; PNP epitaxial silicon darlington transistor
|
PROMAX-JOHNTON
|
SST3585 SST358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
NSS20300MR6T1G |
20V, 5A, Low VCE(sat) PNP Transistor(20V,5A,低VCE(sat),PNP型晶体管)
|
ON Semiconductor
|
SSG4520H12 |
N-Ch: 6.6A, 20V, RDS(ON) 47 m P-Ch: -5.2A, -20V, RDS(ON) 79 mN & P-Ch Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
FDFMA2P85708 FDFMA2P857 |
-20V Integrated P-Channel PowerTrenchMOSFET and Schottky Diode Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode .20V, .3.0A, 120mヘ Integrated P-Channel PowerTrench庐 MOSFET and Schottky Diode .20V, .3.0A, 120m惟 Integrated P-Channel PowerTrench? MOSFET and Schottky Diode .20V, .3.0A, 120mΩ
|
Fairchild Semiconductor
|
RTF015P02 |
Power Supply IC; Package/Case:10-MLP; Cap Charger Output Type:Three levels of switch current limit: 1.6, 1.8, 2.0 A; Output Type:Current; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5.5V; Supply Voltage Min:3V RoHS Compliant: Yes DC-DC Converter (20V/ 1.5A) DC-DC Converter (-20V, -1.5A) DC-DC Converter (−20V, −1.5A)
|
Rohm CO.,LTD. ROHM[Rohm]
|
2SC2620C 2SC2620B 2SC2620 |
Silicon NPN Epitaxial Planar From old datasheet system TRANSISTOR,BJT,NPN,20V V(BR)CEO,20MA I(C),SOT-23
|
HITACHI[Hitachi Semiconductor] Hitachi America
|
KI6968BEDQ |
Drain-Source Voltage Vds 20V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|