PART |
Description |
Maker |
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
STB80NE03L-06 5472 -STB80NE03L-06 |
N-Channel 30V-0.005惟-80A- D2PAK STripFETTM Power MOSFET(N???MOSFET) N-Channel 30V-0.005Ω-80A- D2PAK STripFETTM Power MOSFET(N功率MOSFET) From old datasheet system N - CHANNEL 30V - 0.005 - 80A - D 2 PAK STripFET TM POWER MOSFET
|
意法半导 STMicro
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STB3020L 6474 |
CSED, FLANGE KIT 400A -通道30V 0.019ohm - 40A采用D2PAK STripFET]功率MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - D 2 PAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET N - CHANNEL 30V - 0.019W - 40A - D 2 PAK STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRFP3703 |
30V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A?
|
International Rectifier
|
IRLML2803 IRLML2803TR IRLML2803PBF |
30V Single N-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
|
IRF[International Rectifier]
|
STP3020 STP3020L 6475 |
N - CHANNEL 30V - 0.019W - 40A - TO-220 STripFET POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - TO-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET N - CHANNEL POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STD17NE03L 5963 |
N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.034 - 17A - DPAK/IPAK STripFET TM POWER MOSFET N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET N - CHANNEL 30V - 0.034Ohms - 17A - DPAK/IPAK STripFET POWER MOSFET
|
ST Microelectronics STMicroelectronics SGS Thomson Microelectronics
|