PART |
Description |
Maker |
APT150GT120JR |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: ISOTOP®; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 90; 170 A, 1200 V, N-CHANNEL IGBT
|
Microsemi Corporation Microsemi, Corp.
|
AUIRG4PH50S |
INSULATED GATE BIPOLAR TRANSISTOR 57 A, 1200 V, N-CHANNEL IGBT, TO-247AC
|
International Rectifier
|
RM60DZ-24 RM60DZ-2H RM60CZ-24 RM60CZ-2H |
60 A, 1200 V, SILICON, RECTIFIER DIODE HIGH VOLTAGE MEDIUM POWER GENERAL USE INSULATED TYPE 高压中功率常规使用绝缘型
|
Mitsubishi Electric Semiconductor Mitsubishi Electric, Corp.
|
PM1200HCE330-1 |
1200 A, 3300 V, N-CHANNEL IGBT INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
|
Mitsubishi Electric Semiconductor
|
CM100DU-24F CM100DU-24H |
Trench Gate Design Dual IGBTMOD?/a> 100 Amperes/1200 Volts HIGH POWER SWITCHING USE INSULATED TYPE Trench Gate Design Dual IGBTMOD⑩ 100 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD 100 Amperes/1200 Volts
|
Mitsubishi Electric Semiconductor Powerex Power Semiconductors
|
IRG4PSH71UD |
99 A, 1200 V, N-CHANNEL IGBT, TO-274AA INSULATED GATE BIPOLAR TRANSISTOR WITH 1200V UltraFast 4-20 kHz CoPack IGBT in a TO-274AA package
|
IRF[International Rectifier]
|
IRG4PH40U |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A) 绝缘栅双极晶体管(VCES和\u003d 1200伏,的Vce(on)典\u003d 2.43V,@和VGE \u003d 15V的,集成电路\u003d 21A条) INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V Vce(on)typ.=2.43V @Vge=15V Ic=21A) 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
CM50DU-24F |
Trench Gate Design Dual IGBTMOD50 Amperes/1200 Volts 50 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc.
|
SDR1-12 SDR1-12S SDR1-12SMS SDR1-12SMSS SDR1-12SMS |
1 A, 1200 V, SILICON, SIGNAL DIODE 1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|