PART |
Description |
Maker |
BC847BFA BC847BFA-7B |
45V NPN SMALL SIGNAL TRANSISTOR IN DFN0806
|
Diodes
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
RSR025N05FRA |
Nch 45V 2.5A Small Signal MOSFET
|
Rohm
|
RSR020P05HZG |
Pch -45V -2A Small Signal MOSFET
|
Rohm
|
MMBTA0511 MMBTA05-TP |
NPN Small Signal General Purpose Amplifier Transistors TRANSISTOR NPN GP 60V SOT23 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
CDBER00340 |
Small Signal Schottky Diodes, V-RRM=45V, V-R=40V, I-O=30mA
|
Comchip Technology
|
CDBFR00340 |
Small Signal Schottky Diodes, V-RRM=45V, V-R=40V, I-O=30mA
|
Comchip Technology
|
|