PART |
Description |
Maker |
AQZ202V AQZ204V AQZ205V AQZ207V |
Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 60 V AC, 85 V DC, load current 1.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 30 V AC, 38 V DC, load current 2.0 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 140 V AC, 180 V DC, load current 0.5 A. Power photoMOS relay with internal varistor. AC/DC type. Output rating: load voltage 17 V AC, 22 V DC, load current 3.0 A. POWER PhotoMOS RELAYS with Internal Varistor 功率PhotoMOS继电器的内部电阻
|
Matsushita Electric Works(Nais) Nais(Matsushita Electric Works) Nais(Matsushita Electric Wo...
|
AQV221 AQV221A AQV221AZ AQV225A AQV225AZ AQV225AX |
PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 80 V, load current 50 mA. Throuh hole terminal. Tube packing style. PhotoMOS relay, RF (radio frequency) type [1-channel (form A) type]. AC/DC type. Output rating: load voltage 40 V, load current 80 mA. Surface-mount terminal. Tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
AQV210HLA AQV210HLAX AQV210HLAZ |
PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tube packing style. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 1/2/3-pin side. PhotoMOS relay, GU (general use) type, 1-channel (form A ), current limit function. Output rating: load voltage 350V, load current 130 mA. Tape and reel packing style, picked from the 4/5/6-pin side.
|
Matsushita Electric Works(Nais)
|
AQY221N1SX AQY221N1SZ |
PhotoMOS relay, RF (radio frequency). C x R 20 type. AC/DC type. Output rating: load voltage 40 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
CPC177710 CPC1777J |
i4-PAC DC Power Relay i4-PACDC Power Relay TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX i4-PAC?DC Power Relay
|
Clare, Inc.
|
731XXX110AC 731ZXX230AC 731ZXX24DC 731ZXX12DC 731Z |
RELAY SPNO 110VAC RELAY SPCO 24VDC RELAY SPCO 12VDC Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 继电器SPNO北京中立
|
RECOM Electronic GmbH
|
JTN1AS-PA-F-DC6V JTN1S-PA-F-DC6V JTN1AS-TMP-F-DC6V |
High Capacity Power Relay (Sealed PCB) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.133A (COIL), 6VDC (COIL), 800mW (COIL), THROUGH HOLE-STRAIGHT MOUNT High Capacity Power Relay (Sealed PCB) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 6VDC (COIL), 800mW (COIL), THROUGH HOLE-STRAIGHT MOUNT High Capacity Power Relay (Sealed TMP)
|
Panasonic, Corp. PANASONIC CORP
|
AQW414AZ AQW414AX |
PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 4/5/6-pin side. PhotoMOS relay, GU (general use) type, [2-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3-pin side.
|
Matsushita Electric Works(Nais)
|
RIF-RHM-1 |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 16 mm high octal miniature power and solid-state relays
|
PHOENIX CONTACT
|
|