PART |
Description |
Maker |
IRFF120 IRFF121 IRFF122 IRFF123 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 5.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 50V. Continuous drain current 6.0A. N-CHANNEL ENHANCEMENT-MODE POWER MOS FIELD-EFFECT TRANSISTORS
|
General Electric Solid State GE Solid State
|
IRFF110 IRFF111 IRFF112 IRFF113 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 3.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.0A. Power MOS Field-Effect Transistors N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 3.5A.
|
General Electric Solid State GE Solid State
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
ADM3311 ADM3311E ADM3311EARS-REEL25 ADM3311EARU-RE |
15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?/a> 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle⑩ 15 kV ESD Protected. 2.7 V to 3.6 V Serial Port Transceiver with Green Idle JFET; Breakdown Voltage, V(br)gss:40V; Zero Gate Voltage Drain Current Min, Idss:-4mA; Zero Gate Voltage Drain Current Max, Idss:-16mA; Gate-Source Cutoff Voltage Max, Vgs(off):9V; Continuous Drain Current, Id:-16mA RoHS Compliant: No 15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle 15 kV的ESD保护.7 V.6 V绿色串口收发闲置
|
AD[Analog Devices] Analog Devices, Inc.
|
AMS431L AMS431LA AMS431LAL AMS431LAM AMS431LAM1 AM |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:Yes .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.045ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No 1.2V SHUNT REGULATOR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2SK1010 |
Drain Current ?ID=6A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1630 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK844 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1171 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1600 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK934 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK987 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|