PART |
Description |
Maker |
RE5VL27C-RR RH5VL27C-RR RN5VL27C-RR RE5VL27C-RF RN |
Industrial Control IC RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/AMMO RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 1K/BULK RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir A405 5K/REEL-13 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.2V-vf 200ns 5uA-ir DO-41 5K/REEL-13 tact switches with radial lead packaging designed for automatic feed SWITCH TACT SEALED 6.9MM 300GF High Speed CMOS Logic Hex D-Type Flip-Flops with Reset 16-SOIC -55 to 125 Metal Film Resistor - RN 1/4 T2 20 1% A Voltage Detector 电压检测器 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-TSSOP -55 to 125 电压检测器 SWITCH TACT SEALED 5.2MM 300GF 电压检测器 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 POWER SUPPLY SUPPORT CKT, PSSO3 sealed, tactile switch with multiple gram force options and multiple actuator lengths SWITCH TACT SEALED 4.7MM 300GF SWITCH TACT SEALED 10MM 130GF POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR
|
Ricoh Co., Ltd. Samsung Semiconductor Co., Ltd. Atmel, Corp. Littelfuse, Inc. RICOH COMPANY LTD RICOH electronics devices d... RICOH electronics devic...
|
KSA0M312 KSA0M212 KSA0M412 KSA0M512 |
High Performance Sealed Tact Switch
|
C&K Components
|
KSA0AXXX KSA1VXXX |
(KSA Series) Sealed Tact Switch
|
ITT Industries
|
KSC621J KSC321J |
(KSC Series) Sealed Tact Switch
|
ITT Industries
|
KSC943GLFG KSC941JLFS KSC941GLFS KSC941GLFG KSC933 |
SMD Sealed Tact Switch for Adjustable Height
|
C&K Components
|
K5ATWH43GP K5ATYE43GPR K5ATGN43GPR K5ATRD43G WH43G |
Lighted SMT Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.1A, 32VDC, 4 N, SURFACE MOUNT-STRAIGHT
|
C&K Components http:// C & K COMPONENTS INC
|
KMR211G KMR213G KMR221G KMR243G KMR KMR223G KMR231 |
Microminiature Tact Switch for SMT
|
ITT[ITT Industries]
|
TPA411GPLFG TPA411GPLFS TPA513GPLFG TPA511GPLFG TP |
NAVIGATION TACT SWITCH FOR SMT
|
ITT[ITT Industries]
|
KST241GLFG KST241GLFS KST223GLFG KST223GLFS KST221 |
Long Travel Tact Switch for SMT
|
ITT[ITT Industries]
|
K5V10023G K5V10043G |
Right Angle Lighted SMT Tact Switch
|
ITT Industries
|
FX4C1-20P-1.27DSA FX4C1-20P-1.27DSAL FX4C1-32P-1.2 |
FF-SYA Series, Type 4, Safety Light Curtain, 60 mm [2.36 in] resolution, 1670 mm [65.75 in] protection height, DIN plug Soft touch tactile switch with long travel and carbon pill contact design SWITCH TOGGLE SPDT 5A PC MNT 5PC DATA LINE CHOKE 2X51UH -30%/% TS series sub-miniature snap action switches with vertical and right angle PC pin termination SWITCH TOGGLE SPDT 5A SDLUG 6PCS Stacking Height 5 to 11mm Half Pitch Connector 堆叠高度511毫米半间距连接器 SWITCH TOGGLE SPDT .4VA RT ANG 堆叠高度51毫米半间距连接器 Stacking Height 5 to 11mm Half Pitch Connector 堆叠高度51毫米半间距连接器 Sealed right angle tact switch with multiple operating forces 堆叠高度51毫米半间距连接器 TACT SWITCH, E-SWITCH TL3302BF180QG 堆叠高度51毫米半间距连接器 TRANS PREBIASED PNP 200MW SOT23 堆叠高度511毫米半间距连接器 Stacking Height 5 to 11mm Half Pitch Connector
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|