PART |
Description |
Maker |
MMBT3904RFG |
300mW, NPN Small Signal Transistor
|
Taiwan Semiconductor Company, Ltd
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
CDSFR355 CDSFR355B |
Small Signal Switching Diodes, V-RRM=90V, V-R=80V, P-D=300mW, I-F=100mA
|
Comchip Technology
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
FBR21D06-P FBR21ND01-P FBR22D09-P FBR21D05-P FBR21 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.1A (COIL), 3VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.2A (COIL), 1.5VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 18VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.013A (COIL), 24VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. http:// FUJITSU LTD
|
2N4854U 2N4854 2N3838 JAN2N3838 JAN2N4854 JAN2N485 |
NPN PNP Complimentary; Package: 6_PIN_Flatpack; 600 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
DDC113TU-7-F DDC114TU-7-F DDC143TU-7-F DDC123JU-7- |
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
|