PART |
Description |
Maker |
74AVC2T45GT 74AVC2T45 74AVC2T45DC |
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
|
NXP Semiconductors
|
74AVCH2T45DC 74AVCH2T45GT |
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
|
NXP Semiconductors
|
74AVCH2T45GF |
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
|
NXP Semiconductors
|
ST2378E ST2378EBJR ST2378ETTR |
8-BIT SUAL SUPPLY LEVEL TRANSLATOR WITH I/OVCC 15KV ESD PROTECTED 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC ±15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 【15KV ESD PROTECTION 8-BIT DUAL SUPPLY 1.71V TO 5.5V LEVEL TRANSLATOR WITH I/OVCC 5KV ESD PROTECTION 8位双电源1.71V5.5V的电平转换与 OVCC5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
74AVC1T45GN |
Dual-supply voltage level translator-transceiver; 3-state
|
NXP Semiconductors N.V.
|
ST6G3240 ST6G3240TBR |
Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
|
STMicroelectronics
|
MAX4736EUB MAX4736EGC MAX4736 |
Automotive Catalog 3.3-V CAN Transceivers 8-SOIC -40 to 125 0.8 Low-Voltage Single-Supply Dual SPDT Analog Switch "0.8|?, Low-Voltage, Single- Supply, Dual SPDT Analog Switch" 0.8, Low-Voltage, Single-Supply, Dual SPDT Analog Switch From old datasheet system 0.8з, Low-Voltage, Single-Supply, Dual SPDT Analog Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|
ISL8394 ISL8394IB ISL8394IB-T |
Low-Voltage/ Single and Dual Supply/ Quad SPDT/ Analog Switches Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches Low-Voltage Single and Dual Supply Quad SPDT Analog Switches Analog Switch or Multiplexer, SPDT, Quad, 2 x NOpen, 2 x NClosed, Ron 17 @ V, Single Supply, 2V to 12V or Dual Supply 2.0V to V
|
INTERSIL[Intersil Corporation]
|
TC7LX1204WBG |
Dual-supply level shifter
|
TOSHIBA
|
T3GF3WBG |
Dual-supply level shifter
|
TOSHIBA
|
MCP809 MCP809T-270I_TT MCP809T-300I_TT MCP809T-315 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
|
Microchip Technology Inc.
|