PART |
Description |
Maker |
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
NTD12N10-1G NTD12N10G |
Power MOSFET 12 Amps, 100 Volts; Package: DPAK-3 (SINGLE GAUGE); No of Pins: 4; Container: Rail; Qty per Container: 75 12 A, 100 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
MTB33N10E |
TMOS POWER FET 33 AMPERES 100 VOLTS 33 A, 100 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
SFRC9130S.5B |
10 AMP /100 Volts 300 mRadiation Tolerant P-Channel MOSFET 10 A, 100 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
PSMN9R5-100PS |
N-channel 100 V 9.6 m standard level MOSFET in T0220 89 A, 100 V, 0.0096 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
NXP Semiconductors N.V.
|
IRF9643-001PBF IRF9643-003PBF IRF9643-005PBF IRF96 |
9 A, 150 V, 0.7 ohm, P-CHANNEL, Si, POWER, MOSFET 8.7 A, 350 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 1.75 A, 150 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 1.75 A, 200 V, 3 ohm, P-CHANNEL, Si, POWER, MOSFET 27 A, 100 V, 0.099 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC 3 A, 100 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 150 V, 2.4 ohm, P-CHANNEL, Si, POWER, MOSFET 2.5 A, 100 V, 1.6 ohm, P-CHANNEL, Si, POWER, MOSFET 3.5 A, 150 V, 1.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 11 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
VISHAY INTERTECHNOLOGY INC
|
IXTQ160N10T IXTH160N10T |
Preliminary Technical Information TrenchMVTM Power MOSFET 160 A, 100 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
IXYS Corporation
|
APTM10UM02FAG |
Single Switch MOSFET Power Module 570 A, 100 V, 0.0025 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
IRLS4030-7PPBF |
HEXFET Power MOSFET 190 A, 100 V, 0.0039 ohm, P-CHANNEL, Si, POWER, MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
FS5KMH-2 |
Nch POWER MOSFET HIGH-SPEED SWITCHING USE 5 A, 100 V, 0.44 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Powerex, Inc. Powerex Power Semiconductors
|
MTW33N10E ON2695 |
TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM 33 A, 100 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
|