PART |
Description |
Maker |
MF0015M-03ATXX MF0045M-03ATXX MF0030M-03ATXX MF006 |
null8/16-bit Data Bus Flash ATA PC Card null8/16-bit数据总线闪存阿拉木图PC ER 8C 8#12 PIN RECP ER 26C 26#16 SKT RECP
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
PIC16C67 PIC16C62A |
null8-Bit CMOS Microcontrollers
|
Microchip Technology
|
S-875024CUP-AFB-T2 |
High-withstand-voltage voltage regulator with reset function
|
Epson Company
|
2SK2415-Z-E1 2SK2415-Z-E1JM 2SK2415-Z-E2 2SK2415-Z |
Low withstand voltage Nch MOS FET
|
NEC
|
2SK2414-Z-E2JM 2SK2414-Z-E2 |
Low withstand voltage Nch MOS FET
|
NEC
|
RJH60V1BDPE |
Short circuit withstand time (6s typ.)
|
Renesas Electronics Corporation
|
DI-119 |
Cordless Phone Linear Adapter Replacement with 10 kV Surge Withstand
|
Power Integrations, Inc.
|
MAX501 MAX501ACNG MAX501ACWG MAX501AENG MAX501AEWG |
RELAY 电压输出2位乘法数模转换器 JT 15C 14#20 1#16 SKT RECP Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Voltage-Output / 12-Bit Multiplying DACs Voltage-Output 12-Bit Multiplying DACs Voltage-Output, 12-Bit Multiplying DACs
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|