PART |
Description |
Maker |
249-001 |
Conductive O-Ring
|
Glenair, Inc.
|
64001-1400 64001-1500 19073-0188 19073-0170 19204- |
Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
|
MolexKits
|
PN14-6RX-C PN22-10R-C |
TERM RING EXP NYL 16-14AWG #6 COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#10; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
P091P-EA25BR100K P092N-FE20AR20K P092S-EC15BR1K P0 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 500000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 20000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 5000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 50000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 50000 ohm ROHS COMPLIANT
|
BI Technologies Corporation BI Technologies, Corp.
|
170005-1 |
Ring and Spade Tongue Terminals; RING TERMINAL ( AMP )
|
Tyco Electronics
|
19073-0236 19073-0218 19073-0231 19073-0242 19073- |
Connector assemblies 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (C-836-06T) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-14) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (C-840-56) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL 1/4 RING TERMINAL
|
Molex, Inc. MOLEX INC
|
P271 P270-SP31R50K P270-SP31R500K P270-SP32R500K P |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 200000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 500000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 20000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 50000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 10000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 100000 ohm
|
BI Technologies Corporation BI Technologies, Corp.
|
19195-1035 19195-1085 19195-1006 19195-1040 19195- |
MAGKRIMP 5/16 RING 10380-52480 CMA PLATE COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/4 RING DUAL PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL PIERCING RING TERMINAL #10 PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/2 RING 50K-115K CMA PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 1/4 SQR RING 10380-52480CMA PLT COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP 3/8 RING 110K-175K CMA PLATED COPPER ALLOY, TIN FINISH, WIRE TERMINAL MAGKRIMP #10 SPADE PLATED MAGKRIMP 3/8 RING 50K-115K CMA PLATED
|
Molex, Inc. MOLEX INC
|
FCP12AC FCP12A |
Conductive Plastic
|
List of Unclassifed Manufacturers ETC[ETC]
|
390107 |
WE-LS Conductive Foam
|
Wurth Elektronik GmbH &...
|
FFP12A |
Conductive Plastic null
|
List of Unclassifed Manufacturers ETC
|
12250 12400 12600 |
STATFREE FOAM, CONDUCTIVE
|
List of Unclassifed Manufacturers
|
|