PART |
Description |
Maker |
1SS355-13 |
90 Volt Switching Diode
|
Micro Commercial Compon...
|
BAT54T1 ON0129 |
30 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE From old datasheet system
|
Motorola Inc Motorola, Inc ON Semiconductor
|
1N74 1N60D 1N68A 1N96A 1N72 1N73 1N93 1N63 1N61 1N |
Diode Switching 100V 10A 2-Pin Diode Switching 50V 3A 2-Pin Case A GOLD BOUNDED GERMANUM DIODE Diode Small Signal Switching 75V 0.3A Automotive 2-Pin DO-35 T/R Diode Switching 125V 0.0003A 2-Pin DO-35 Diode Switching 50V 0.005A 2-Pin Case H GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductor
|
CMPD7006S CMPD7006 CMPD7006A CMPD7006C |
SMD Switching Diode Dual: Common Anode SMD Switching Diode Dual: In Series SMD Switching Diode Single: High Voltage SMD Switching Diode Dual: Common Cathode SURFACE MOUNT VERY HIGH VOLTAGE SILICO SWITCHING DIODE
|
CENTRAL[Central Semiconductor Corp]
|
BAS21M3T5G |
SOT-723 SS Switching Diode SIGNAL DIODE High Voltage Switching Diode
|
ON Semiconductor
|
HIP5062DY HIP5062 HIP5062DW |
FPGA 1000000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN 10 A DUAL SWITCHING CONTROLLER, 1100 kHz SWITCHING FREQ-MAX, UUC40 Power Control IC Single Chip Dual Switching Power Supply
|
Intersil, Corp. Intersil Corporation
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|
1N828-1-1 1N822-2 1N829ATR 1N829ATR-1 1N829ATR-1-1 |
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA 0TC Reference Voltage Zener 6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AH 6.2 & 6.55 Volt Temperature Compensated 6.2 & 6.55 Volt Temperature Compensated
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N445 1N316 1N440 1N547 1N535 1N539 1N536 1N533 1N |
GOLD BONDED GERMANIUM DIODES Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 Diode Zener Single 68V 5% 1.5W 2-Pin DO-41 Diode Switching 400V 3A 2-Pin SOD-64 Ammo Diode Zener Single 87V 5W 2-Pin DO-201AE Diode Switching 75V 0.25A Automotive 2-Pin SOD-323 T/R
|
New Jersey Semiconductor
|
M1MA142WKT1 M1MA141WK M1MA141WKT1 ON0326 M1MA141WK |
From old datasheet system SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT COMMON CATHODE DUAL SWITCHING DIODE 0.1 A, 80 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
BAW56S Q62702-A1253 SIEMENSAG-Q62702-A1253 |
Silicon Switching Diode Array (For high-speed switching applications Common anode) 4 ELEMENT, SILICON, SIGNAL DIODE From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|