PART |
Description |
Maker |
9985010100 99850101000 99850131000 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
PE-SR401FL |
Formable 250 Semi-rigid Coaxk Cable with Tinned Copper Braid Outer Conductor
|
Pasternack Enterprises,...
|
1346684 |
Tinned copper conductor, rubber insulation
|
List of Unclassifed Man...
|
99100022000 9910004250 99100102000 9910002100 9910 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
1344172 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
PE-SR402TN-STRAIGHT |
RG402 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
PE-SR405TN-STRAIGHT |
RG405 Tinned Coax Cable with Tinned Copper Outer Conductor
|
Pasternack Enterprises,...
|
1682728 |
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
|
List of Unclassifed Man...
|
PE-SR402AL-STRAIGHT |
141 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
|
Pasternack Enterprises,...
|
1032-90LJ 1032-80LT 1032-80LJ 1032-90LT 1032-60LG/ |
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:12; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 High-Density Programmable Logic Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Drop Ship:Yes; Features:Alumunium Foil Polyester/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
C8106 |
Tinned Copper conductor, FEP Insulation, conductors cabled, overall foil shied and FEP Jacketed Plenum Cable
|
General Cable Technologies Corporation
|