PART |
Description |
Maker |
TQP4M0013 TQP4M0013-PCB |
High Isolation Absorptive SPST Switch
|
TriQuint Semiconductor
|
CXG1039TN |
High Isolation Absorptive SPDT Switch MMIC with
|
SONY
|
ZX60-M-SERIES ZX60-2510M ZX60-2514M ZX60-2522M ZX6 |
High Isolation Amplifiers 50з, 0.5 to 5.9 GHz 500 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER High Isolation Amplifiers 50? 0.5 to 5.9 GHz From old datasheet system High Isolation Amplifiers 50/ 0.5 to 5.9 GHz
|
MINI[Mini-Circuits]
|
ZSWA-4-30DR |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-55 Switch High Isolation, SP4T, 50 DC to 3 GHz Switch High Isolation, SP4T, 50з DC to 3 GHz Switch High Isolation/ SP4T/ 50 DC to 3 GHz
|
开 MINI[Mini-Circuits]
|
KB817C-B KB817CD-B KB817-B KB817AB-B KB817AD-B KB8 |
High Isolation Voltage Photocoupler GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
KINGBRIGHT[Kingbright Corporation] Kingbright Corporation. Kingbright Electronic Kingbright, Corp.
|
PS7341-1A PS7341-1A-A PS7341L-1A-E3-A PS7341L-1A-E |
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX
|
NEC
|
M61016F |
Built-in 2-channel SPD Sensor Light Quantity Detector BUILTIN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT BUILT-IN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
MHI100DI5.7 MHI115S-12DI5.7 MHI115S-03DI5.7 MHI115 |
High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Converters High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
PS2801-1-F3-A PS2801-4-V-F4 PS2801-1-V-F3 PS2801-1 |
nullHIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE
|
California Eastern Labs
|
PS2514L-1 PS2514L-1-V PS2514L-1Y-A PS2514L-1Y-F3-A |
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
|
California Eastern Labs
|
PS7360-1A PS7360L-1A PS7360L-1A-E3 PS7360L-1A-E4 |
6-PIN DIP / HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET 6引脚DIP,高隔离电压1通道光学耦合场效应晶体管 Solid State Relay(固态继电器)
|
NEC, Corp. NEC Corp. NEC[NEC]
|