PART |
Description |
Maker |
RJH60D2DPE-15 |
600V - 12A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
STGP12NB60H 6708 |
N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT N-CHANNEL 12A - 600V TO-220 PowerMESH IGBT From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4BC30W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
HGTG12N60D1 HGTG12N60D1D |
12A/ 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode 12A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
|
INTERSIL[Intersil Corporation]
|
STGP12NB60KD STGB12NB60KDT4 STGB12NB60KD 9655 |
N-CHANNEL 12A - 600V TO-220/D2PAK SHORT CIRCUIT PROOF POWERMESH IGBT From old datasheet system
|
STMicroelectronics
|
RJH60A85RDPE-15 |
600V - 15A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJP60V0DPM-80T2 |
600V - 22A - IGBT Application: Inverter
|
Renesas Electronics Corporation
|
BT138-600 BT138-600F BT138-600G BT138-500/B BT138- |
TRIAC 12A SOT-186A TRIAC 12A/600V TRIAC 12A/500V Triacs
|
Philips Semiconductors
|
12FR120 12FR120M A12FR120 A12FR120M 12FR100 12FR10 |
STANDARD RECOVERY DIODES Hook-Up Wire; Conductor Size AWG:18; No. Strands x Strand Size:16 x 30; Jacket Color:Green/Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test RoHS Compliant: Yes 标准恢复二极 STANDARD RECOVERY DIODES 标准恢复二极 CAPACITOR 8200UF 25V ELEC TSHA WIRE 18AWG WHITE UL 1015 600V UL STYLE 1015, CSA TYPE TEW, 600V, 105C, GREEN W. YELLOW WIRE, UL1015, 18AWG (16X30G), 600V, RED 100V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 400V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 12A Std. Recovery Diode in a DO-203AA (DO-4)package 800V 12A Std. Recovery Diode in a DO-203AA (DO-4)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
HGT1Y40N60B3D |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 40A I(C) | TO-264 70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
|
FAIRCHILD[Fairchild Semiconductor]
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|