PART |
Description |
Maker |
P420001 |
RJ11 Straight Through Modular In-Line Coupler (F-F)
|
Tripp Lite. All Rights ...
|
TM11P-8-CV TM11APA1-88P TM11P-66P TM11APA-88P TM11 |
CONNECTOR ACCESSORY MODULAR CONNECTORS(Six-conductor plug with straight cover)
|
Hirose Electric USA, INC.
|
THS11 TSF10 |
11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
|
NJG1509F NJG1509F-C1 NJG1509F-C2 NJG1509F-C3 NJG15 |
SPDT SWITCH GaAs MMIC 单刀双掷开关砷化镓微波单片集成电路 Dust Cap; For Use With:RJ11 Harsh Environment Square Flange Receptacles; Body Material:Metal; Body Plating:Black Chrome 单刀双掷开关砷化镓微波单片集成电路 Dust Cap; For Use With:RJ11 Harsh Environment Plugs; Body Material:Metal; Body Plating:Black Chrome
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
PIC16F508E_SLG PIC16F505TI/MSG PIC16F505TI/PG PIC1 |
Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Modular Connector Shell Style:Jam Nut Receptacle 8/14-Pin位闪存微控制 8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin位闪存微控制 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 8/14-Pin位闪存微控制 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 TV 46C 40#20 4#16 2#8(COAX) SK Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:EZ5015B; No. of Contacts:4; Connector Shell Size:20; Connecting Termination:Spring Cage; Circular Shell Style:Straight Plug; Cable Gland Material:Plastic RoHS Compliant: Yes 3.3V TTL/CMOS to Differential PECL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Features:Shielded; Modular Connector Shell Style:Jam Nut Receptacle Connector Dust Cap; Body Material:Metal; Body Plating:Anodized; Cap Attachment:Spring; Leaded Process Compatible:Yes; Series:FWF; Circular Shell Style:Square Flange Receptacle; Connector Shell Back Termination:IEEE1394 Receptacle RoHS Compliant: Yes TV 56C 48#20 8#16 PIN RECP
|
Microchip Technology, Inc. Microchip Technology Inc.
|
AX101316 |
Modular Connectors - CAT5E Modular Jack - KeyConnect
|
List of Unclassifed Man...
|
1-5406545-3 |
PCB Mounted Jacks - Single Port, Multi-port and Stacked; MJ,RJ11,SMT,6/4,BLACK,22"REEL,30 Au ( AMP )
|
Tyco Electronics
|
JRC-19F2A24C0.51 JRC-19F2A12CB0.2 JRC-19F2A12CB0.5 |
CLUSTER PANEL,RJ-11 W/ (8) 6-W COMPOSANTS ELECTRONIQUES电子元件 COMPUTER PRODUCT COMPOSANTS ELECTRONIQUES电子元件 4 WIRE WALLMOUNT BLOCK COMPOSANTS ELECTRONIQUES电子元件 COMPOSANTS ELECTRONIQUES ELECTRONIC COMPONENTS COMPOSANTS ELECTRONIQUES电子元件 Modular Connector; Leaded Process Compatible:No; No. of Contacts:8; Peak Reflow Compatible (260 C):No; Modular Connector Type:RJ-45 COMPOSANTS ELECTRONIQUES电子元件 CLUSTER PANEL, RJ-45 W/ (12) 8 4 OR 6 WIRE INLINE CPLR CROSS- SWITCH TACT 6MM RIGHT ANG 160GF 6 WIRE WALLMOUNT BLOCK 10 WIRE MODULAR COUPLER M.CONN,RJ45 MALE,STRANDEDSMART PAK EXISTS
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers N/A DB Lectro, Inc.
|
MC68332ACFC16 MC68332ACFC20 MC68332ACFV20 MC68332A |
32-Bit Modular Microcontroller Technical Summary 32-Bit Modular Microcontroller
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|