PART |
Description |
Maker |
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
TC670ECHTR TC67003 TC670 |
The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user specified level, the TC670 asserts an ALERT signal. With th Tiny Predictive Fan Failure Detector
|
Microchip Technology
|
TC647BEUATR TC642B TC642BEOA713 TC642BEOATR TC642B |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
ECG2331 ECG2326 ECG2322 ECG2328 ECG2332 ECG2333 |
FAN AC 176X89 220V BALL, 420cfm TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 8A I(C) | TO-220VAR FAN AC 172X51 115V BALL, 106cfm TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 15A I(C) | TO-247VAR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|47VAR FAN AC 180X65 115V BALL, 400cfm 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|甲一(c)|20 FAN AC 180X65 115V BALL, 340cfm 晶体管|晶体管|叩| 450V五(巴西)总裁| 8A条一c)| TO - 220AB现有
|
Vishay Intertechnology, Inc. NEC, Corp.
|
ADM1031 ADM1031ARQ |
Complete, ACPI Compliant, Dual Channel C Remote Thermal Monitor with Integrated Fan Controller for two Independent Fans, Pin Compatible with the ADM1030 Intelligent Temperature Monitor and Dual PWM Fan Controller
|
AD[Analog Devices]
|
BA6811 BA6811F BA6813F A5801086 BA6813 |
From old datasheet system Fan motor driver IC Motor Drivers LSIs > Fan motor driver > Two-phase half-wave motor driver
|
http:// ROHM[Rohm]
|
LTC1695CS5 LTC1695 1695F |
From old datasheet system SMBus/I 2 C Fan Speed Controller SMBus/I2C Fan Speed Controller in SOT-23
|
Linear Technology
|
12740 12750 12730 |
FAN WALL BUILT IN 9 INCH FAN WALL BUILT IN 12 INCH 范墙建造中2英寸 FAN WALL BUILT IN 6 INCH 范墙内建6英寸
|
KEMET Corporation Fluke Networks
|
07145-SP072 |
FAN CORD FEMALE 45° W/ NEMA 1-15 PLUG FAN CORD FEMALE 45隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|
07190-SP036 |
FAN CORD FEMALE 90° W/ NEMA 1-15 PLUG FAN CORD FEMALE 90隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|
07190-SP072 |
FAN CORD FEMALE 90° W/ NEMA 1-15 PLUG FAN CORD FEMALE 90隆? W/ NEMA 1-15 PLUG
|
Qualtek Electronics Corporation
|