PART |
Description |
Maker |
TSU101 TSU101ICT TSU101RICT TSU101ILT TSU101RILT T |
Nanopower 5V CMOS op-amp Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
|
ST Microelectronics STMicroelectronics
|
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
TS9001 |
1.6V Nanopower Comparator
|
Touchstone Semiconductor
|
AAT3560 AAT3564 |
NanoPower Voltage Detectors
|
Analogic Tech
|
TS12011ITD1022T |
Nanopower Op Amp, Comparator, and Reference
|
Silicon Laboratories
|
MAX9025EBT-T MAX9026EBT-T MAX9028EBT-T MAX9027EBT- |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
MAXIM[Maxim Integrated Products]
|
MAX6866 |
(MAX6854 - MAX6869) Nanopower uP Supervisory Circuits
|
Maxim
|
MAX9027 MAX9028 MAX9028EBT-T |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
MAX6866UK23D3L-T MAX6866UK26D3L-T MAX6866UK29D3L-T |
2.3 V, nanopower uP supervisory circuit with manual reset and watchdog timer 2.6 V, nanopower uP supervisory circuit with manual reset and watchdog timer 2.9 V, nanopower uP supervisory circuit with manual reset and watchdog timer 1.6 V, nanopower uP supervisory circuit with manual reset and watchdog timer
|
MAXIM - Dallas Semiconductor
|
LTC3331-15 |
Nanopower Buck-Boost DC/DC with Energy Harvesting Battery Charger
|
Linear Technology
|
5962-8601506XX 5962-8601501XX 5962-8601508YX 5962- |
Nanopower µP Supervisory Circuits with Manual Reset and Watchdog Timer x1 SRAM x1的SRAM
|
Glenair, Inc.
|
ALD210802PCL |
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
|
Advanced Linear Devices
|