PART |
Description |
Maker |
HFBR-5921L HFBR-5923L HFBR-0572 |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x5 SFF PTH Package HFBR-5923L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x6 SFF PTH Package HFBR-0572 · Evaluation Kit for SFF PTH Multimode Fibre Channel Applications
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-1506AM HFBR-2506AM HFBR-0541 |
Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications HFBR-0541 · Evaluation Kit designed for SERCOS applications that operate up to 16 MBd HFBR-1506AM · 16 MBd SERCOS Fiber Optic Transmitter HFBR-2506AM · 16 MBd SERCOS Fiber Optic Receiver
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-7924H HFBR-7924 HFBR-7924E HFBR-7924EH HFBR-7 |
Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family HFBR-7900 · Evaluation kit for the 4 4 channel pluggable Transceiver @ 2.5GBd HFBR-7924 · 4 4 2.7 GBd Pluggable Transceiver, for Parallel Optics
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-5805T HFBR-5805 HFBR-5805A HFBR-5805AT |
HFBR-5805T · 155 Mbit/s MMF (2km) 1x9 ST Transceiver for SONET/SDH,ATM (OC-3) HFBR-5805 · 155 Mbit/s MMF (2km) 1x9 SC Duplex Transceiver for SONET/SDH,ATM (OC-3) HFBR-5805AT · 155Mb/s Multi Mode Optical Transceivers with ST connector, -10C to 85C HFBR-5805A · 155Mb/s Multi Mode Optical Transceivers with SC connector, -10C to 85C HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
HFBR-789B HFBR-779B |
HFBR-789B · 12 x 2.5GBd Parallel Optic Pluggable Receiver for 62.5um fiber HFBR-779B · 12 x 2.5GBd Parallel Optic Pluggable Transmitter for 62.5um fiber
|
Agilent (Hewlett-Packard)
|
HFCT-5701LP |
HFCT-5701LP · 1.25/1.0625 GBd SMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Bail-wire delatch HFCT-5701L · 1.25/1.0625 GBd SMF Pluggable (SFP) Transceiver for GbE and Fibre Channel: Standard delatch
|
Agilent (Hewlett-Packard)
|
HFCT-5903 HFCT-5903E HFBR-0560 |
HFCT-5903E · 125 Mbit/s SMF (15km) Small Form Factor Transceiver for FDDI/Fast Ethernet HFBR-0560 · Evaluation Kit for MT-RJ 125 Mb/s Fast Ethernet Multimode and Singlemode Applications MT-RJ Duplex Single Mode Transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HFBR-53A3VFM HFBR-53A3VEM |
HFBR-53A3VFM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Flush Shield, Metalized Housing HFBR-53A3VEM · 1 x 9 3.3V Fiber Optic Transceiver for Fibre Channel/Storage - Extended Shield, Metalized Housing 3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
|
Agilent (Hewlett-Packard)
|
HFBR-5320 |
HFBR-5320 · 200 MBd Multimode SBCON Transceiver for Fibre Channel/Storage Applications
|
Agilent (Hewlett-Packard)
|
HFBR-1312T HFBR-2316T HFBR-0310 |
HFBR-0310 · Evaluation Kit for Proprietary Point-to-Point and Distance Extension for Applications up to 155 MBd 1300 nm Fiber Optic Transmitter and Receiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HDMP-0422 |
HDMP-0422 · 1.0625-1.25 GBd Single Port Bypass Circuit wirh CDR & Data Valid Detection for FC/Storage and GbE
|
Agilent (Hewlett-Packard)
|