PART |
Description |
Maker |
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
FDG6332C FDG6332CNL |
Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 6.3V; Packaging: Tape & Reel 700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench MOSFETs 20V N &P - Channel Power Trench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NDH8304 NDH8304P |
Dual P-Channel Enhancement Mode Field Effect Transistor2.7A20V0.07Ω双P沟道增强型场效应管(漏电2.7A, 漏源电压-20V,导通电0.07Ω 2700 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDZ7296 |
30V N-Channel PowerTrenc BGA MOSFET 30V N-Channel PowerTrench BGA MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF7301 IRF7301TR |
FERRITE BEAD BLM21A601S Power MOSFET(Vdss=20V Rds(on)=0.050ohm) Power MOSFET(Vdss=20V, Rds(on)=0.050ohm) 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
FDMA1029PZ |
-20V Dual P-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
TSM6866D07 TSM6866D TSM6866DCA TSM6866D-07 |
20V Dual N-Channel MOSFET
|
Taiwan Semiconductor Co... Taiwan Semiconductor Company, Ltd
|
FDMA1025P |
-20V Dual P-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
FMTS06N20ED |
6.5A 20V Dual Die N-Channel
|
First Components Intern...
|