PART |
Description |
Maker |
FDD468508 FDD4685F085 |
P-Channel PowerTrenchMOSFET -40V, -32A, 35m P-Channel PowerTrench? MOSFET -40V, -32A, 35mΩ
|
Fairchild Semiconductor
|
FDD414110 FDD424310 |
P-Channel PowerTrench? MOSFET -40V, -50A, 12.3mΩ P-Channel PowerTrench? MOSFET -40V, -14A, 64mΩ
|
Fairchild Semiconductor
|
IRF1404Z IRF1404ZL IRF1404ZS |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Advanced Process Technology
|
International Rectifier
|
FDS4672A07 FDS4672A |
40V N-Channel PowerTrench? MOSFET 40V N-Channel PowerTrench㈢ MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STB200N4F3 STP200N4F3 |
N-channel 40V - 0.0035ヘ - 120A - D2PAK - TO-220 planar STripFET⑩ Power MOSFET N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET Power MOSFET N-channel 40V - 0.0035楼? - 120A - D2PAK - TO-220 planar STripFET垄芒 Power MOSFET
|
STMicroelectronics
|
FDMS8460 |
N-Channel Power Trench? MOSFET 40V, 49A, 2.2mΩ N-Channel Power Trench㈢ MOSFET 40V, 49A, 2.2mヘ
|
Fairchild Semiconductor
|
IRF1404L IRF1404S IRF1404STRR IRF1404STRL IRF1404S |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A) Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
|
International Rectifier
|
IRL1004L IRL1004S IRL1004STRL IRL1004STRR |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
CDBU0340 |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=350mA
|
Comchip Technology
|
CDBA5819-HF |
Halogen Free Schottky Barrier Diodes, V-RRM=40V, V-R=40V, I-O=1A
|
Comchip Technology
|