PART |
Description |
Maker |
ES218 |
2000 Counts Manual DMM
|
Cyrustek corporation
|
ES233 |
4000 Counts DMM
|
Cyrustek corporation
|
ES236 |
4000 Counts DMM / Inrush
|
Cyrustek corporation
|
ES5192610 |
3000 Counts Smart DMM
|
Cyrustek corporation
|
ES51926 |
3000 Counts Smart DMM
|
Cyrustek corporation
|
ES5192510 |
3000 Counts Smart DMM
|
Cyrustek corporation
|
UPD789406A UPD789167Y UPD789177Y UPD78F9468 UPD789 |
78K/0S Series Instructions | User's Manual[11/2000] 78K/0S系列说明|用户手册[11/2000]
|
STMicroelectronics N.V.
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
DM74ALS580AN DM74ALS580A DM74ALS580AWM |
AM-220 Series Digital Multimeter; DMM Type:Handheld; No. of Digits/Alpha:3-1/2; DMM Response Type:Average; Series:AM-220; Calibrated:No; Capacitance Measuring Range:40 nF - 4000 uF; Current Measuring Range:400uA to 10A RoHS Compliant: NA From old datasheet system Octal D-Type Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MP1962 MP1963 |
3/4 inche photoncounting module. Window material quartz. Dark counts per second 1000 cps. 3/4 inche photoncounting module. Window material UV glass. Dark counts per second 1000 cps.
|
PerkinElmer Optoelectronics
|
FR1ZZ-TP FR1ZZP FR1020GP |
1 A, 2000 V, SILICON, SIGNAL DIODE, DO-214AA HSMB, 2 PIN 1 Amp Glass Passivated Rectifier 1200 to 2000 Volts 1 A, 2000 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Components, Corp.
|
ES51981 |
3 1/2 AUTO DMM
|
Cyrustek Co
|