PART |
Description |
Maker |
NCP1397A NCP1397ADR2G NCP1397B NCP1397DR2G |
High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
|
ON Semiconductor
|
TSPC106ANBSP TSPC106A |
The TSPC106 provides an integrated, high-bandwidth, high-performance, TTL-compatible interface betwe From old datasheet system
|
Atmel corp
|
OXCB950 |
Integrated High Performance UART Cardbus / PCI interface
|
List of Unclassifed Manufacturers
|
IP4387CX4 IP4387CX4_LF IP4386CX4 IP4386CX4/LF IP43 |
Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
|
NXP Semiconductors N.V.
|
KSZ8695X KS8695X11 |
Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
|
Micrel Semiconductor
|
EM3587-RTR EM3581 EM3581-RTR EM3582-RTR EM3586-RTR |
High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
|
Silicon Laboratories
|
M82380 |
HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
|
Intel Corp.
|
M82380 |
HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
|
INTEL[Intel Corporation]
|
IP4085CX4 |
(IP4085CX4 - IP4387CX4) Integrated high-performance ESD-protection diodes to IEC61000-4-2
|
NXP Semiconductors
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|