PART |
Description |
Maker |
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
Y51-03 Y51-02 Y21-01 Y31-01 Y41-03 Y61-03 Y21-02 Y |
VALVE STARTUP 3/8 阀门启8 VALVE SHUT OFF 1/8 阀门关闭了1 / 8 VALVE STARTUP 1/2 阀门启 / 2 VALVE SHUT OFF 1/4 阀门关闭了1 / 4 VALVE SHUT OFF 3/4 VALVE STARTUP 1/4 IC SRAM 512KX36 2.5V SYN 100TQFP VALVE SHUT OFF 1/2 BRACKET T 1-Mbit (128K x 8) Static RAM IC MCU 8K FULL SPEED USB 28SDIP BRACKET L 1M/512K FAST ASYNC SRAM 5V, 3.3V, ISR High-Performance CPLDs 256K (32K x 8) Static RAM -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash SPACER EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller 1-Mbit (64K x 16) Static RAM 2M x 8 Static RAM 36-Mbit DDR-II SRAM 2-Word Burst Architecture BRANCH UNIT
|
AMIC Technology, Corp. Vishay Intertechnology, Inc. NXP Semiconductors N.V. Harwin PLC
|
ST1335 ST1355-CW4 ST1335-BD10 ST1335-BD15 ST1335-B |
5-CONTACT MEMORY CARD IC 272 BIT EEPROM WITH ADVANCED SECURITY MECHANISMS 5V, 3.3V, ISR High-Performance CPLDs NX2LP DEVELOPMENT KIT KIT DEV MOBL-USB FX2LP18 MoBL® 4-Mbit (256K x 16) Static RAM MoBL® 1-Mbit (64K x 16) Static RAM MoBL® 1 Mbit (128K x 8) Static RAM MoBL® 2-Mbit (128K x 16) Static RAM (ST1335/13361355) 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms MoBL® 1-Mbit (64K x 16) Static RAM EEPROM 5V, 3.3V, ISR™ High-Performance CPLDs EEPROM MoBL® 4-Mbit (256K x 16) Static RAM EEPROM 5-Contact Memory Card IC 272-bit EEPROM with Advanced Security Mechanisms 5,联系记忆卡IC 272位具有高级安全机制的EEPROM
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics STMicroelectronics N.V.
|
CY7C1041CV33-12ZSXE CY7C1041CV3308 CY7C1041CV33-10 |
4-Mbit (256K x 16) Static RAM; Density: 4 Mb; Organization: 256Kb x 16; Vcc (V): 3.0 to 3.6 V; 256K X 16 STANDARD SRAM, 10 ns, PDSO44 4-Mbit (256K x 16) Static RAM
|
Cypress Semiconductor, Corp.
|
CYU01M16SFCU-70BVXI CYU01M16SFCU |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
CYU01M16ZFCU-70BVXI CYU01M16ZFC |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|
AM49LV4608MB15IS AM49LV4608MT10IT AM49LV6408MB10I |
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
|
SPANSION[SPANSION]
|
CY62158DV30LL-55ZXI CY62158DV30LL-70ZSXI CY62158DV |
8-Mbit (1024K x 8) MoBL Static RAM 8-Mbit (1024K x 8) MoBL Static RAM 1M X 8 STANDARD SRAM, 55 ns, PBGA48 8-Mbit (1024K x 8) MoBL Static RAM 1M X 8 STANDARD SRAM, 45 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AM42DL16X4D |
16 Mbit (x8/x16) Flash and 4 Mbit (x16) Static RAM (Preliminary) From old datasheet system
|
AMD Inc
|
CY7C1021CV26-15ZSXE CY7C1021CV26-15ZSXET CY7C1021C |
1-Mbit (64 K ? 16) Static RAM 1-Mbit (64 K × 16) Static RAM
|
Cypress Semiconductor
|
CY7C1059DV33-10ZSXIT |
8-Mbit (1M 8) Static RAM
|
Cypress
|
CY62177DV30 CY62177DV30LL CY62177DV3011 |
32-Mbit (2M x 16) Static RAM
|
Cypress Semiconductor
|