PART |
Description |
Maker |
HL9-100KWTQ HL9-101KWTQ HL9-102KWTQ HL9-1R0KWTQ HL |
1 ELEMENT, 56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR HIGH CURRENT POWER CHOKES 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 56000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 27 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR
|
RCD COMPONENTS INC.
|
P23-34C P24-4C P24-24C P74-13C P74-33C M48-18 M48- |
1 ELEMENT, 2400000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 360000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 43000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 72000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 720 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 750000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 175 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8600 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 300000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 400 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 860000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 20000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 60000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
ZETTLER electronics GmbH CTS, Corp.
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LAL03TB68020 LAL04TB68020 LAL05TB68020 LAN02TB6802 |
1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.39 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 82 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 820 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.56 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.33 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5600 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR
|
Taiyo Yuden Co., Ltd. TAIYO YUDEN CO LTD
|
TC1043CEQR TC1043 TC1043CEQRTR |
The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference ... The TC1043 is a mixed-function device combining two general purpose op amps, two general purpose comparators, and a voltage reference in a single 16-Pin package. This increased integration allows the user to replace two or three packages, Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
|
MICROCHIP[Microchip Technology]
|
MBT3906DW1T1G MBT3906DW1T1 |
Dual General Purpose Transistor 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Dual General Purpose Transistors
|
ONSEMI[ON Semiconductor]
|
M21-1 M21-23 M21-18 M21-40 PF48-19 PF48-15 PF48-22 |
1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 240 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 400 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
|
2200LL-220H-RC 2200LL-331-H-RC 2200LL-391H-RC 2200 |
INDUCTOR TOROID 22UH 15% HORIZ 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 390UH 15% HORIZ 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 12UH 15% HORIZ 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8.2 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1.8 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR INDUCTOR TOROID 33UH 15% HORIZ Low Core Loss, High Current Toroid Inductors 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
CTCH895F CTCH895F-100M CTCH895F-101K CTCH895F-102K |
Peaking Coils - Radial 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1200 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3300 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 68 uH, GENERAL PURPOSE INDUCTOR
|
Central Technologies
|
SPC-0302-1R0 SPC-0302-471 SPC-0302-4R7 SPC-0302-82 |
1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD SMD POWER INDUCTORS SMD功率电感 1 ELEMENT, 120 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 390 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 160 uH, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns, Inc. TE Connectivity, Ltd. MicroWave Technology, Inc. LEDtronics, Inc. Abracon, Corp. Amphenol, Corp. MICRO-ELECTRONICS[Micro Electronics]
|
AMPC20-5R6K-RC AMPC20-561K-RC AMPC20-560K-RC AMPC2 |
1 ELEMENT, 12000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4700 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR AXIAL LEADED, ROHS COMPLIANT Axial Molded Power Chokes
|
Allied Components International Allied Components Inter...
|
HM55 HM55-321R3LF HM55-121R3LF HM55-12R40 HM55-141 |
1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED 1 ELEMENT, 0.28 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED 1 ELEMENT, 1.38 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED 1 ELEMENT, 0.79 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED 1 ELEMENT, 0.43 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED 1 ELEMENT, 0.95 uH, GENERAL PURPOSE INDUCTOR RADIAL LEADED High Sensitivity Signal Relay, 1 Form C, 400mW Type, 2 Coil Latching, Gold Contact Shielded Drum Compact Package Low Cost Inductors
|
BI Technologies, Corp. Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
|