PART |
Description |
Maker |
74479787247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479776247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
PM42S-101 PM42S-4R7 |
Power Inductor; Series:PM42S; Inductance:100uH; Inductance Tolerance: /- 30 %; Terminal Type:PCB Surface Mount; Current Rating:0.20A; Leaded Process Compatible:No; Mounting Type:Surface Mount; Packaging:Tape And Reel 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
PM1210-R039J |
SMD Inductor; Series:PM1210; Inductance:39nH; Inductance Tolerance: /- 5 %; Q Factor:25; Self Resonant Frequency:1.3GHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:450mA; Leaded Process Compatible:No
|
BOURNS INC
|
PM1008-10NM-RC PM1008-18NM-RC PM1008-12NM-RC PM100 |
High Q Chip Inductors SMD Inductor; Series:PM1008; Inductance:120nH; Inductance Tolerance: /- 10 %; Q Factor:60; Self Resonant Frequency:950MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:650mA SMD Inductor; Series:PM1008; Inductance:680nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:375MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:500MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:470mA SMD Inductor; Series:PM1008; Inductance:820nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:350MHz; Package/Case:1008; Terminal Type:Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:22; Self Resonant Frequency:110MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:290mA
|
Bourns Electronic Solutions BOURNS INC
|
PM0805-2N2M PM0805-R39K |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:700MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:200mA
|
BOURNS INC
|
PM1210-1R0J PM1210-1R2J PM1210-R18J |
SMD Inductor; Series:PM1210; Inductance:1uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:120MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:400mA; Leaded Process Compatible:No Inductor; Series:PM1210; Inductance:1.2uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:100MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:390mA; Leaded Process Compatible:No 1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
S307 S30760 R30760 R30720 R30740 S30720 S30740 |
Inductor; Inductor Type:Standard; Inductance:100nH; Inductance Tolerance: 5 %; Current Rating:300mA; Series:LG HK; Package/Case:0603; Core Material Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation]
|
CM252016-R22ML CM201212-R22KL CM201212-R68KL CM322 |
MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.22 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.68 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 150 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - CHIP INDUCTOR 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0056 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0015 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Unshielded Surface Mount Inductors 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .1uH 10% Wirewound 1 ELEMENT, 0.1 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 2.7uH 10% Wirewound 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .33uH 20% Wirewound 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0018 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors .033uH 10% Wirewound 1 ELEMENT, 0.033 uH, AIR-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.0068 uH, ALUMINA CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.082 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS-CHIP INDUCTOR 1 ELEMENT, 0.18 uH, POLYMER-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductors 12uH 10% Wirewound 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Inductor Type:Standard; Inductance:8.2uH; Inductance Tolerance: /- 10 %; Current Rating:0.27A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:150nH; Inductance Tolerance: /- 20 %; Current Rating:730A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1.8uH; Inductance Tolerance: 10 %; Current Rating:0.39A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:1uH; Inductance Tolerance: /- 10 %; Current Rating:450A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:3.9uH; Inductance Tolerance: /- 10 %; Current Rating:0.33A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:330nH; Inductance Tolerance: 20 %; Current Rating:605A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Inductor; Inductor Type:Standard; Inductance:220nH; Inductance Tolerance: /- 20 %; Current Rating:665A; Series:CM453232; Package/Case:1812; Core Material:Ferrite; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
0306ZC103KAT2A 0306ZC224KAJ2A 05085C471KAT2V 05085 |
CAP 0.01UF 10V 10% X7R SMD-0306 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 0.01 uF, SURFACE MOUNT, 0306 Low Inductance Capacitors Low Inductance Capacitors
|
AVX, Corp. AVX Corporation
|
|