PART |
Description |
Maker |
74479787247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479787233 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479787147A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479775147A |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479775147 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
SDR2207 SDR2207-R80ML SDR2207-100M SDR2207-100ML S |
Inductor; Series:SDR2207; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:38; Self Resonant Frequency:27MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:12A; Leaded Process Compatible:No 1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDSM, PWR 10UH 30% 6060 贴片功率电感 SMD Power Inductors 贴片功率电感 Inductors 0.8uH 20% SMD 1 ELEMENT, 0.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Shielded Power Inductor
|
BOURNS INC Bourns, Inc. http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PM2120-821K PM2120-1R2M |
INDUCTOR TOROID 820UH 10% SMD 1 ELEMENT, 820 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:No; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
FP4-100-R FP4-150-R |
SMD Inductor; Inductor Type:High Frequency; Inductance:100nH; Inductance Tolerance: /- 15 %; Series:FP4; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes SMD Inductor; Inductor Type:High Frequency; Inductance:150nH; Inductance Tolerance: /- 15 %; Series:FP6; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
0306ZC103KAT2A 0306ZC224KAJ2A 05085C471KAT2V 05085 |
CAP 0.01UF 10V 10% X7R SMD-0306 TR-7 PLATED-NI/SN CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 0.01 uF, SURFACE MOUNT, 0306 Low Inductance Capacitors Low Inductance Capacitors
|
AVX, Corp. AVX Corporation
|
DFE18SANR56ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|