PART |
Description |
Maker |
74479774222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479776222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
PM127SH-561M PM127SH-220M PM127SH-6R1N PM127SH-470 |
1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:PM127SH; Inductance:22uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:3.6A; DC Resistance Max:0.043ohm; Leaded Process Compatible:No Power Inductor; Series:PM127SH; Inductance:6.1uH; Inductance Tolerance: 40, - 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:6.6A; DC Resistance Max:0.018ohm; Leaded Process Compatible:No 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 100 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:PM127SH; Inductance:2.4uH; Inductance Tolerance: 40, - 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:8A; DC Resistance Max:0.012ohm; Leaded Process Compatible:No
|
BOURNS INC
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM1008-10NM-RC PM1008-18NM-RC PM1008-12NM-RC PM100 |
High Q Chip Inductors SMD Inductor; Series:PM1008; Inductance:120nH; Inductance Tolerance: /- 10 %; Q Factor:60; Self Resonant Frequency:950MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:650mA SMD Inductor; Series:PM1008; Inductance:680nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:375MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:500MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:470mA SMD Inductor; Series:PM1008; Inductance:820nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:350MHz; Package/Case:1008; Terminal Type:Surface Mount; Core Material:Ceramic; Current Rating:400mA SMD Inductor; Series:PM1008; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:22; Self Resonant Frequency:110MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:290mA
|
Bourns Electronic Solutions BOURNS INC
|
PM0805-3N3M-RC PM0805-10NM-RC PM0805-18NM-RC PM080 |
High Q Chip Inductors Chip Inductor 1 ELEMENT, 0.0056 uH, ALUMINA-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Inductor; Series:PM0805; Inductance:3.3nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:6.8nH; Inductance Tolerance: /- 20 %; Q Factor:50; Self Resonant Frequency:5.5GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA
|
Bourns Electronic Solutions Bourns, Inc. BOURNS INC
|
DFE18SANR24ME0 |
When rated current is applied to the products, inductance will be within 30% of initial inductance value range
|
Murata Manufacturing Co...
|