PART |
Description |
Maker |
74479774222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
74479776222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479763210 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH &...
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
SDR2207 SDR2207-R80ML SDR2207-100M SDR2207-100ML S |
Inductor; Series:SDR2207; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:38; Self Resonant Frequency:27MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:12A; Leaded Process Compatible:No 1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDSM, PWR 10UH 30% 6060 贴片功率电感 SMD Power Inductors 贴片功率电感 Inductors 0.8uH 20% SMD 1 ELEMENT, 0.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Shielded Power Inductor
|
BOURNS INC Bourns, Inc. http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
PM127SH-561M-RC PM127SH-2R4N-RC |
1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:PM127SH; Inductance:2.4uH; Inductance Tolerance: 40, - 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:8A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM0805-2N2M-RC PM0805-R47K-RC |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:470nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:650MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:170mA
|
BOURNS INC
|
5PNR-3538Z 332PN-3489Z 332PN-3490Z 332PN-3491Z 332 |
Variable Coils Inductance Range(uH) = 56.0 Inductance Range(uH) = 82.0 Inductance Range(uH) = 120.0 Inductance Range(uH) = 470.0
|
http:// TOKO Inc. TOKO[TOKO, Inc] TOKO, Inc.
|
PM3308-151M-RC |
Power Inductor; Series:PM3308; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:0.5A; DC Resistance Max:1.2ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|