PART |
Description |
Maker |
74479776233 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479776222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887222 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
74479887247 |
SMD-power inductance WE-PMI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PM127SH-561M-RC PM127SH-2R4N-RC |
1 ELEMENT, 560 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power Inductor; Series:PM127SH; Inductance:2.4uH; Inductance Tolerance: 40, - 20 %; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:8A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM0805-2N2M PM0805-R39K |
SMD Inductor; Series:PM0805; Inductance:2.2nH; Inductance Tolerance: /- 20 %; Q Factor:15; Self Resonant Frequency:6GHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:600mA SMD Inductor; Series:PM0805; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:700MHz; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:200mA
|
BOURNS INC
|
PM1210-1R0J PM1210-1R2J PM1210-R18J |
SMD Inductor; Series:PM1210; Inductance:1uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:120MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:400mA; Leaded Process Compatible:No Inductor; Series:PM1210; Inductance:1.2uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:100MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:390mA; Leaded Process Compatible:No 1 ELEMENT, 0.18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
S307 S30760 R30760 R30720 R30740 S30720 S30740 |
Inductor; Inductor Type:Standard; Inductance:100nH; Inductance Tolerance: 5 %; Current Rating:300mA; Series:LG HK; Package/Case:0603; Core Material Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation]
|
PM105-390M-RC |
Power Inductor; Series:PM105; Inductance:39uH; Inductance Tolerance: /- 20 %; Self Resonant Frequency:12MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:1.37A; DC Resistance Max:0.14ohm
|
BOURNS INC
|