PART |
Description |
Maker |
BSS138PW |
60 V, 320 mA N-channel Trench MOSFET 60 V, 360 mA N-channel Trench MOSFET
|
NXP Semiconductors
|
FDD16AN08A0 FDD16AN08A0NL |
Discrete Automotive N-Channel UltraFET Trench MOSFET, 75V, 50A, 0.016 Ohms @ VGS = 10V, TO-252/DPAK Package 9 A, 75 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel UltraFET Trench MOSFET 75V/ 50A/ 16m N-Channel UltraFET ?Trench MOSFET 75V, 50A, 16mOhm N-Channel UltraFET Trench MOSFET 75V, 50A, 16mз N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?/a>
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDB045AN08A0 FDB045AN08NBSP FDB045AN08 |
N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?/a> N-Channel UltraFET ?Trench MOSFET 75V, 80A, 4.5mOhm From old datasheet system N-Channel UltraFET® Trench MOSFET N-Channel UltraFET Trench MOSFET 75V/ 80A/ 4.5m N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5mз 19 A, 75 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FQD10N20L FQD10N20LTF FQD10N20LTM |
N-Channel QFET MOSFET 200 V, 7.6 A, 360 m N-Channel QFET? MOSFET 200 V, 7.6 A, 360 mΩ
|
Fairchild Semiconductor
|
FDB86360-F085 FDB86360F085 |
N-Channel Power Trench MOSFET 80V, 110A, 1.8mOhms N-Channel Power Trench? MOSFET
|
Fairchild Semiconductor
|
M57714SL 57714SL |
From old datasheet system 360-380MHZ, 12.5V, 7W, FM MOBILE RADIO 360-380MHz 12.5V /7W /FM MOBILE RADIO 360-380MHz 12.5V,7W,FM MOBILE RADIO
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation
|
2N7002PV |
60 V, 350 mA N-channel Trench MOSFET 60 V, 350 mA dual N-channel Trench MOSFET
|
NXP Semiconductors
|
FDA2712 |
N-Channel UltraFET Trench MOSFET 250V, 64A, 34mOhms N-Channel UltraFET Trench MOSFET 250V, 64A, 34mΩ
|
Fairchild Semiconductor
|
FDMS3672 |
N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm 22 A, 100 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
PMZ350UPE PMZ350UPE-15 |
20 V, P-channel Trench MOSFET
|
NXP Semiconductors
|
|