PART |
Description |
Maker |
M27W256 M27W256-100B6TR M27W256-100F6TR M27W256-10 |
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 1-of-8 Data Selectors/Multiplexers 16-PDIP 0 to 70 1-of-8 Data Selectors/Multiplexers 16-SO 0 to 70 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Dual 1-of-4 Data Selectors/Multiplexers 16-SOIC 0 to 70 3-Line To 8-Line Decoders/Demultiplexers 16-SO 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
HM628128A HM628128ALFP-10 HM628128ALFP-10L HM62812 |
131,072-word X 8-bit High Speed CMOS Static RAM 131,072字8位高速CMOS静态RAM Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
012-AHSF6 012-AHSF 012-AHS6 012-AHS 012-ZSF6 012-Z |
Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 20-LCCC -55 to 125 微型PCB功率继电 Octal Buffers And Line Drivers With 3-State Outputs 20-LCCC -55 to 125 微型PCB功率继电 Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 微型PCB功率继电 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-CDIP -55 to 125 微型PCB功率继电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 微型PCB功率继电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 微型PCB功率继电 RES ARRAY 5.6K OHM 8TRM 4RES SMD 微型PCB功率继电 MINIATURE PCB POWER RELAY 微型PCB功率继电 FO CERAMIC 62.5 PVC LC-MT 3M PATCH CAP.0047UF 400V PEN FILM 1913 5% Signal Generator RoHS Compliant: NA BK Precision NTSC Generator, Composite Video: 1.2 V p-p into 75 Ohm, Chrominance Output: .75 V p-p into 75 Ohm, Luminance Plus Sync Output: 1 V p-p into 75 Ohm, Sound: 1 KHz Audio Tone, Power Requirement: 9 V Battery or AC Adaptor CAP .47F 5.5V SG TYPE GOLD VERT 128 x 64 pixel format, LED Backlight available JT 22C 22#22D SKT RECP Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-CFP -55 to 125 Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 JT 22C 22#22D SKT WALL RECP Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 20-LCCC -55 to 125
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
74150 |
Data Selectors / Multiplexers
|
Fairchild Semiconductor
|
5962-88625012A 5962-8862501EA 5962-8862501FA SN74A |
QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
|
Tachyonics CO,. LTD
|
N74F158AD623 N74F158AD602 N74F158AD-T N74F158AN |
74F157A; 74F158A; Data selectors/multiplexers
|
Philips NXP Semiconductors N.V.
|
SL74HC157N SL74HC157 SL74HC157D |
Quad 2-Input Data Selectors/Multiplexer
|
SLS[System Logic Semiconductor]
|
HD74HC353 HD74HC353P HD74HC353RPEL |
Dual 4-to-1-line Data Selectors/Multiplexers
|
Renesas Electronics Corporation
|
MC74HC157A05 MC74HC157AFEL MC74HC157AFELG MC74HC15 |
Quad 2−Input Data Selectors / Multiplexers
|
ONSEMI[ON Semiconductor]
|
LT1073 LT1073-12 LT1073-5 LT1073C LT1073CN8 LT1073 |
Micropower DC-DC Converter Ajustable and Fixed 5V, 12V 1.5 A SWITCHING REGULATOR, 23 kHz SWITCHING FREQ-MAX, PDIP8 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-41 Quadruple 1-of-2 Data Selectors/Multiplexers 16-SOIC 0 to 70 PTSE 7C 7#12 PIN RECP Quadruple 1-of-2 Data Selectors/Multiplexers 16-SO 0 to 70 Micropower DC-DC Converter Ajustable and Fixed 5V/ 12V From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|