PART |
Description |
Maker |
68000 68000-8 68000-10 68000-6 68000-8/BXA 68000-8 |
16-/32-Bit Microprocessor 16/32位微处理 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, B) Low Cost, 300 MHz Rail-to-Rail Amplifier (Single with Disable); Package: SOT-23; No of Pins: 6; Temperature Range: Industrial Photovoltaic MOSFET Driver (4-pin SOP) Photovoltaic MOSFET Driver (4-pin SSOP T&R) 16 / 32 Bit Microprocessor
|
Electronic Theatre Controls, Inc. Signetics List of Unclassifed Manufacturers
|
PPC-4E |
Photovoltaic Power Converter
|
JDS
|
P10090-21 P10090-11 P10090-01 |
InAs photovoltaic detector
|
Hamamatsu Corporation
|
10-89-7562 10-89-7560 10-89-7561 10-89-7060 10-89- |
CGrid VT Bkwy Hdr 15 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 56Ckt (240/110) 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 6Ckt (240/110) 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER STRIP 30X2 STRT, & 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 76Ckt (240/110) 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 28Ckt (240/110) 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 18Ckt (240/110) 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 48Ckt (240/110) 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 22Ckt (240/110) 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 36Ckt (240/110) 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 46Ckt (240/110) 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897341 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 38Ckt (240/110) 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 62Ckt (240/110) 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER, 12-PIN, DUAL ROW, OPEN 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr Tin 74Ckt (240/110) 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 15 SAu 58Ckt (240/110) 58 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Bkwy Hdr 30 SAu 52Ckt (240/110) 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10897720 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONNECTOR HEADER 2X16 THRU-HOLE Multipole Connector; Number of Contacts:30; Pitch Spacing:2.54mm; Number of Rows:2; Gender:Header; Series:70280; Body Material:Polyester, Glass-filled; Contact Plating:Gold; Mounting Type:Straight PCB Thru Hole CGrid VT Bkwy Hdr 15 SAu 36Ckt (240/110) CGrid VT Bkwy Hdr Tin 36Ckt (240/110)
|
Molex, Inc. MOLEX INC
|
1971158-2 1986165-1 1986165-2 1986165-3 1987225-6 |
SOLARLOK Photovoltaic Interconnection System
|
Tyco Electronics http://
|
VTS3180 VTS3182 |
PHOTOVOLTAIC CELL FOR INFRARED DETECTION
|
|
MSM548333 |
From old datasheet system 240,384-Word x 8-bit 240,384-Word x 4-bit Triple Port type Field Memory
|
OKI electronic components OKI electronic componets
|
MPC603PFE180LX MPC603PFE233LX MPC603PFE200LX MPC60 |
32-BIT, 180 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 233 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 200 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 240 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 166 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 220 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 160 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240 32-BIT, 225 MHz, RISC PROCESSOR, CQFP240 32 X 32 MM, 4.10 MM HEIGHT, 0.50 MM PITCH, CERAMIC, QFP-240
|
Freescale Semiconductor, Inc.
|
HSR31206 HSR312 HSR312L HSR312S HSR312SR2 HSR412 H |
Photovoltaic Solid-State Relay Optocouplers
|
FAIRCHILD[Fairchild Semiconductor]
|
|