PART |
Description |
Maker |
HT48R01 HT48R01_HT48R02_HT48R03 HT48R02 HT48R03 |
10-Pin MSOP I/O Type 8-Bit OTP MCU The HT48R01/HT48R02/HT48R03 are 8-bit high performance,
|
Holtek Semiconductor Inc.
|
VRS51L2070 VRS51L2070-40-R |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP64 High-Performance Versa 8051 MCU
|
Ramtron International Corporation
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
ULN2004L ULQ2004L 2003 ULN2023A ULN2023L ULN2024A |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces 高电压,大电流达林顿阵列 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces HIGH-VOLTAGE/HIGH-CURRENTDARLINGTONARRAYS HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS HIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 7-Channel High-Current Darlington Array High-Voltage, High-Current Darlington Arrays(杈???靛?95V锛??浜???靛钩?昏??佃矾??????澶?????璐?浇?寸??ュ???????澶х?娴?揪??】?靛?) HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
|
NetPower Technologies, Inc. Allegro MicroSystems, Inc. AllegroMicroSystems ALLEGRO[Allegro MicroSystems]
|
EKK8011 10G050-2C 10G050-2L 10G103-3X 10G102-3X HD |
Low-Voltage, Single Supply, SPST, High Performance Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Interface IC Logic IC IC MCU 8BIT 40/20MHZ 44-PLCC 8-BIT MICROCONTROLLER Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 Quad 2-Input OR Gate; ; Package: Die (Military Visual) Microcontroller 微控制器 MCU AVR 32KB FLASH 20MHZ 44TQFP 微控制器 IC FLASH CONFIG 8M 44PLCC H8S/2623系列H8S/2626系列硬件手册 MCU AVR 32KB FLASH 44QFN
|
Maxim Integrated Products, Inc. Hitachi,Ltd. Intel, Corp.
|
C8051F912-GU C8051F901-GU C8051F901-GM |
Ultra-Low Power, High-Performance MCU
|
Silicon Laboratories
|
C8051F920 C8051F921 C8051F930 C8051F901 C8051F902 |
Ultra Low Power, High-Performance MCU
|
Silicon Laboratories
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F439BG STM32F439AIH6 STM32F439ZG STM32F439ZGT |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, HW crypto, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbyes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU ith 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, HW crypto, SDRAM
|
ST Microelectronics
|
PIC16C765T/JW PIC16C745TI/PT PIC16C745TI/JW PIC16C |
IC-SMD-8-BIT MCU IC-8-BIT MCU CONN JACK RF RA PANEL MOUNT GOLD Microcontroller 微控制器 8-Bit CMOS Microcontrollers with USB 8位CMOS微控制器与USB
|
Microchip Technology Inc. Microchip Technology, Inc.
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
STM32F103T6T7ATR STM32F103T6H6AXXX STM32F103T4U6AT |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
|