PART |
Description |
Maker |
AXA010A0X3Z |
10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
|
Lineage Power Corporation
|
NSR010A0X4-49Z NSR010A0X4Z NSR010A0X4-51Z |
4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 10A output current
|
http:// Lineage Power Corporation
|
AXA005A0X-SR AXA005A0X-SRZ |
10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
|
Lineage Power Corporation
|
ASX2001H ASX200A06Z ASX20009 ASX2004H ASX21003 ASX |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.033A (COIL), 1.5VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 6VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.006A (COIL), 9VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.011A (COIL), 4.5VDC (COIL), 50mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.012A (COIL), 3VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.004A (COIL), 9VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
|
ATS025A0X3-P ATS025A0X3 ATH025A0X3 ATH025A0X3Z ATH |
4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
|
Lineage Power Corporation
|
ASX210A03X ASX210A06X |
POWER/SIGNAL RELAY, DPDT, LATCHED, 0.012A (COIL), 3VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 6VDC (COIL), 35mW (COIL), 0.01A (CONTACT), 10VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
|
JQC-407 |
Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
|
DB Lectro Inc.
|
FBR522ND09-W |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.09A (COIL), 9VDC (COIL), 810mW (COIL), 20A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
|