PART |
Description |
Maker |
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX5121AEEE MAX5121BEEE MAX5120 MAX5120-MAX5121 MA |
3V/ 5V / 12-Bit / Serial Voltage-Output DACs with Internal Reference 3V/ 5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
MAX5170 MAX5170AEEE MAX5170BEEE MAX5172AEEE MAX517 |
Low-Power, Serial, 14-Bit DACs with Voltage Output SERIAL INPUT LOADING, 18 us SETTLING TIME, 14-BIT DAC, PDSO16 Low-Power / Serial / 14-Bit DACs with Voltage Output
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products]
|
MAX5130AEEE MAX5130BEEE MAX5131AEEE MAX5131BEEE |
3V/ 5V / 13-Bit / Serial Voltage-Output DACs with Internal Reference 3V/ 5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference SERIAL INPUT LOADING, 20 us SETTLING TIME, 13-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX5154ACEET MAX5154ACEE-T |
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Maxim Integrated Products, Inc.
|
AD5541 AD5541AR AD5541BR AD5541CR AD5541JR AD5541L |
16-Bit Voltage-Output DAC in SO-8 Package 16-Bit Bipolar-Voltage-Output DAC with Kelvin Sensing 5 V, Serial-Input Voltage-Output, 16-Bit DACs 5 V/ Serial-Input Voltage-Output/ 16-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
MAX176 MAX176BCWE MAX176ACWE MAX176ACPA MAX176BCPA |
Serial Output 12 Bits ADC(串行输出250ksps,串行2位ADC) 串行输出250ksps2位ADC,带有采保持和电压基 Serial Output 12 Bits ADC(串行输出B>250ksps,串行2位ADC) Serial-Output, 250ksps 12-Bit ADC with T/H and Reference Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 0 Replaced by TMS320C6410 : Digital Signal Processors 68-PLCC 0 to 70 Circular Connector; No. of Contacts:37; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-37 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16
|
Maxim Integrated Produc... http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MC54HC597AJ |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with Input Latch HC/UH SERIES, 8-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, CDIP16
|
Motorola Mobility Holdings, Inc.
|
ICM7561M ICM7541 ICM7541M ICM7541MG ICM7521 ICM752 |
12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output SERIAL INPUT LOADING, 8 us SETTLING TIME, 10-BIT DAC, PDSO8
|
IC MICROSYSTEMS Sdn. Bhd.
|
AD5544 AD5544ARS AD5554 AD5554BRS 2602 |
From old datasheet system Quad/ Current-Output Serial-Input/ 16-Bit/14-Bit DACs Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs Precision QUAD 16-Bit DAC
|
AD[Analog Devices]
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|