PART |
Description |
Maker |
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
MCC[Micro Commercial Components]
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
NJU26105 |
AGC/eala BASS/T.cont/PEQ/Vol./HPF / QFP32-R1
|
JRC
|
MC10H158 MC10H158FN MC10H158L MC10H158P ON0758 |
Dual In/Single Out Autoswitching Power MUX, Auto Sw, Adj. Cur Limit, Adj. Vol Threshold, Sw Status 8-TSSOP -40 to 85 输入复用器(非反相) Quad 2-Input Multiplexer(Non-Inverting) From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MC10H131 MC10H131FN MC10H131L MC10H131P ON0753 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 双D型主从触发器 Dual D Type Master-Slave Flip-Flop From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MC10H135 MC10H135FN MC10H135L MC10H135P ON0754 MC1 |
From old datasheet system L SUFFIX CERAMIC PACKAGE Dual J-K Master-Slave Flip-Flop Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 Autoswitching Power Mux 8-TSSOP -40 to 85 10H SERIES, POSITIVE EDGE TRIGGERED JBAR-KBAR FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC20
|
ONSEMI[ON Semiconductor] Motorola, Inc. Motorola Mobility Holdings, Inc.
|