PART |
Description |
Maker |
MHV2812S MHV2812D MHV2815D MHV2805D MHV2805S MHV28 |
Operating temperature -55掳 to 125掳C Input voltage range 16 to 50 VDC Operating temperature -55° to 125°C Input voltage range 16 to 50 VDC
|
Interpoint Corporation Company
|
DN8899TE DN8899SE DN8899S DN8899 |
Hall IC (Operating Temperature Range Topr=-40 to 100??, Operating in Alternative Magnetic Field) Hall IC (Operating Temperature Range Topr=-40 to 100∑C, Operating in Alternative Magnetic Field) Hall IC (Operating Temperature Range Topr=-40 to 100C Operating in Alternative Magnetic Field) Hall IC (Operating Temperature Range Topr=-40 to 100°C, Operating in Alternative Magnetic Field)
|
PANASONIC CORP PANASONIC[Panasonic Semiconductor]
|
LGA80D LGA80D-00DADJJ |
Wide operating temperature range
|
Artesyn Technologies
|
AA-0720-10T |
This filter is the same as the AA-0720 10 except that it has a wider operating temperature range.
|
JMK Inc.
|
LDECD3680 LDEIC1100 LDEIC1120 LDEIC1150 LDEIC1180 |
; Operating Temperature Range:-25 C to 105 C; Capacitance:270uF RoHS Compliant: Yes LED GREEN CLEAR 1210 DOMED SMD LED YELLOW CLEAR 1210 DOMED SMD Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-25 C to 105 C; Capacitance:330uF RoHS Compliant: Yes PEN-PET H.T 笔聚酯羟色胺
|
List of Unclassifed Man... List of Unclassifed Manufac... http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
OCO-M36CH OCO-M36CH3 OCO-M36CH5 |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 掳C Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|
RN5RZ54LA-TL RN5RZ41HA-TR RN5RZ30BA RN5RZ40BA-TL R |
LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:75ucd; Viewing Angle:15 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Red; Luminous Intensity:10700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:1.85V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:9750mcd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Green; Luminous Intensity:700ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.15V; Operating Temperature Range:-40 C to C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-3; LED Color:Amber; Luminous Intensity:8000ucd; Viewing Angle:6 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 100 C; Color:Amber; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:2500ucd; Viewing Angle:8 ; Forward Current:20mA; Forward Voltage:2.35V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
RICOH electronics devic... RICOH electronics devices division Ricoh Co., Ltd. http://
|
OCVCXO-188A |
Compact OCVCXO (25×25×13.5mm) High stability Wide Operating Temperature Range
|
Kyocera Kinseki Corpotation
|
GRM0222C1E180GA02 GRM0225C1H170GA02 |
Temperature characteristics (complied standard) Operating temperature range
|
Murata Manufacturing Co...
|
KM641001A KM641001A-20 KM641001A-15 |
256KX 4 HIGH SPEED STATIC RAM(5V OPERATING), EVOLUTIONARY PIN OUT OPERATED AT COMMERCIAL TEMPERATURE RANGE
|
http:// SAMSUNG SEMICONDUCTOR CO. LTD.
|
LTC1778EGN-1PBF LTC1778EGNPBF |
Wide Operating Range, No RSENSE Step-Down Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 2 A SWITCHING CONTROLLER, PDSO16
|
Linear Technology, Corp.
|
AM29F800 AM29F800B-1 AM29F800BB-120DGC AM29F800BB- |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only / Boot Sector Flash Memory-Die Revision 1 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 LED Lamp; Bulb Size:T-1; LED Color:Green; Luminous Intensity:110ucd; Viewing Angle:36 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1; LED Color:Red; Luminous Intensity:630ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:780ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:2.2V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Blue/Green; Luminous Intensity:2200mcd; Viewing Angle:12 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:5000ucd; Viewing Angle:20 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 85 C; Color:Green; Leaded Process Compatible:Yes RoHS Compliant: Yes RES 31.6 OHM 1/8W 1% 0805 SMD LED Lamp; LED Color:Blue; Luminous Intensity:50mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:3.5V; Operating Temperature Range:-40 C to 80 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; LED Color:Orange; Luminous Intensity:60mcd; Viewing Angle:140 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LED Lamp; Bulb Size:1.8mm; LED Color:Red; Luminous Intensity:480ucd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes RoHS Compliant: Yes Dual Retriggerable Monostable Multivibrators 16-TSSOP -40 to 85 LED Lamp; Bulb Size:1.8mm; LED Color:Blue; Luminous Intensity:112mcd; Viewing Angle:30 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-30 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes Am29F800B KGD (Known Good Die) Supplement ESD-Safe Illuminated Binocular Microscope; RoHS Compliant: Yes 1M X 8 FLASH 5V PROM, 90 ns, UUC44
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|