PART |
Description |
Maker |
W3743ZD400 W3743ZC400 |
3750 A, 4000 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
SM30CXC614 SM30CXC624 SM14CXC170 SM02CXC190 SM02CX |
1160 A, 3000 V, SILICON, RECTIFIER DIODE 1106 A, 3000 V, SILICON, RECTIFIER DIODE 440 A, 1400 V, SILICON, RECTIFIER DIODE 760 A, 200 V, SILICON, RECTIFIER DIODE 440 A, 200 V, SILICON, RECTIFIER DIODE 940 A, 2000 V, SILICON, RECTIFIER DIODE 1610 A, 2600 V, SILICON, RECTIFIER DIODE
|
WESTCODE SEMICONDUCTORS LTD
|
DSA35 DSA35-12A DSA35-16A DSA35-18A DSAI35-12A DSA |
Rectifier Diode Avalanche Diode 49 A, 1800 V, SILICON, RECTIFIER DIODE, DO-203AB Rectifier Diode Avalanche Diode 49 A, 1600 V, SILICON, RECTIFIER DIODE, DO-203AB Rectifier Diode Avalanche Diode 49 A, 1200 V, SILICON, RECTIFIER DIODE, DO-203AB Discrete Rectifier Diodes Rectifier Diode Avalanche Diode
|
IXYS, Corp. IXYS[IXYS Corporation]
|
8E2TX06FP-E 8E2TX06-M 8E2TX06-E VS-8E2TX06FP-M |
Hyperfast Rectifier, 8 A FRED Pt? DIODE 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220, HALOGEN FREE AND ROHS COMPLIANT, FULL PACK-2, Rectifier Diode
|
Vishay Siliconix Vishay Semiconductors
|
UFT120 UFT12010 UFT12015 UFT12020 UFT12130 UFT1214 |
60 A, 500 V, SILICON, RECTIFIER DIODE 60 A, 700 V, SILICON, RECTIFIER DIODE ULTRA FAST RECOVERY MODULES 60 A, 100 V, SILICON, RECTIFIER DIODE 60 A, 800 V, SILICON, RECTIFIER DIODE
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
DS2101SY14 DS2101SY15 DS2101SY DS2101SY10 DS2101SY |
Rectifier Diode 7810 A, 1300 V, SILICON, RECTIFIER DIODE Rectifier Diode 整流二极 Rectifier Diode 7810 A, 1400 V, SILICON, RECTIFIER DIODE Rectifier Diode 7810 A, 1100 V, SILICON, RECTIFIER DIODE
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
DS2-12A DSA2-16A DSA2-12A DSA2-18A DS2-08A |
Rectifier Diode Avalanche Diode Discrete Rectifier Diodes Rectifier Diode Avalanche Diode 3.6 A, 1800 V, SILICON, RECTIFIER DIODE Rectifier Diode Avalanche Diode 3.6 A, 1600 V, SILICON, RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
MLL14KESD7.0 MLL14KESD90CA MLL14KESD10 MLL14KESD10 |
SURFACE MOUNT TVS 4000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB SURFACE MOUNT TVS 4000 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB .050 X .050 C.L. LOW PROFILE TERMINAL STRIP ASSEMBLY
|
Bourns, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
|