PART |
Description |
Maker |
EFM8SB20F32G-A-QFN32 EFM8SB20F64G-A-QFN32 EFM8SB20 |
The EFM8SB2 highlighted features are listed below
|
Silicon Laboratories
|
EFM8SB10F8G-A-QSOP24 EFM8SB10F4G-A-QFN20 EFM8SB10F |
The EFM8SB1 highlighted features are listed below
|
Silicon Laboratories
|
EFM8BB31F64G-A-QFN32 EFM8BB31F16G-A-QFN32 EFM8BB31 |
The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
|
Silicon Laboratories
|
EFM8LB11F16E-A-QSOP24 EFM8LB11F16E-A-QFP32 |
The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
|
Silicon Laboratories
|
PIC12F629-I/MF PIC12F629-I/P PIC12F675T-E/MF PIC12 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into an 8-pin package and featur 8-Pin/ 8-Bit CMOS Microcontroller with EEPROM Data Memory
|
Microchip
|
PIC16F630-E/P PIC16F630-E/SL PIC16F630-E/ST PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into a 14-pin package and featur This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PICMCU architecture into a 14-pin package and features 1
|
Microchip
|