PART |
Description |
Maker |
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
AS7C3256AA AS7C3256A AS7C3256A-20TIN AS7C3256A-10J |
Quadruple D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-TSSOP -40 to 85 32K X 8 STANDARD SRAM, 20 ns, PDSO28 IC,AS7C3256A-10TCN,TSOP-28 ASY SRAM,10NS,32K X 8,3.3V 32K X 8 STANDARD SRAM, 10 ns, PDSO28 3.3V 32K X 8 CMOS SRAM (Common I/O) 32K X 8 STANDARD SRAM, 10 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-SOIC -40 to 85 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Dual 4-Input Positive-NAND Gate 14-TVSOP -40 to 85 Dual 4-Input Positive-NAND Gate 14-SSOP -40 to 85 SRAM - 3.3V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Memory, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
HM628512A HM628512ALFP-5SL HM628512ALP-5SL HM62851 |
Dual 4-Input Positive-NAND Gates 14-CFP -55 to 125 Dual 4-Input Positive-NAND Gates 20-LCCC -55 to 125 4M SRAM (512 KWORD X 8 BIT) 4分的SRAM12 KWord的8位) Dual 4-Input Positive-NAND Gates 14-CDIP -55 to 125 4分的SRAM12 KWord的8位)
|
Hitachi,Ltd.
|
74LVC1G00FS3-7 74LVC1G00Z-7 74LVC1G00FW4-7 74LVC1G |
SINGLE 2 INPUT POSITIVE NAND GATE
|
Diodes
|
74LVC1G10DW-7 74LVC1G101107 74LVC1G10FW4-7 74LVC1G |
SINGLE 3 INPUT POSITIVE NAND GATE
|
http://
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
5962F9863101VXC ACS30K ACS21D ACS30KMSR-03 ACS21K |
Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, CDFP14 Radiation Hardened 8-Input NAND Gate 8-INPUT NAND GATE, UUC11 RES, NETWORK SMT 100R 5% 1/16W 25V, 0603X4 Quadruple Bus Buffer Gate With 3-State Outputs 14-SOIC 0 to 70
|
Intersil, Corp. Intersil Corporation
|
AT49F512-70TC AT49F512 AT49F512-70VC AT49F512-70VI |
Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 Quadruple 2-Input Positive-NAND Gate 14-SSOP -40 to 125 64K X 8 FLASH 5V PROM, 90 ns, PDIP32 512K 64K x 8 5-volt Only Flash Memory
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
74LS01 HD74LS01 |
Quad. 2-input NAND Gates with Open Collector output Quadruple 2-input Positive NAND Gates(with Open Collector Outputs) STANDARD GAIN HORN; WAVEGUIDE SIZE: WR102; FREQUENCY RANGE: 7.00-11.00; GAIN: 15 dB 输入正与非门(与集电极开路输出)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
MC74VHC1G00DFT1G |
Single 2 Input NAND Gate; Package: SC-88A, SOT-353, SC-70 5 LEAD; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 AHC/VHC SERIES, 2-INPUT NAND GATE, PDSO5
|
ON Semiconductor
|
AM28F512A-120JEB AM28F512A-120PEB AM28F512A-120FEB |
Divide-By-Twelve Decade Counter 14-PDIP 0 to 70 Divide-By-Twelve Decade Counter 14-SOIC 0 to 70 Quadruple 2-Input Positive-NAND Gates 14-SOIC -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SO -40 to 85 Quadruple 2-Input Positive-Nor Gates 14-TVSOP -40 to 85 4-Bit Binary Counters 14-SO 0 to 70 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Quadruple 2-Input Positive-Nor Gates 14-TSSOP -40 to 85 2正输入或非门 14-TSSOP封装40℃到85 Hex Inverters 14-SSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-TVSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-SO -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 4-Bit Binary Counters 14-SOIC 0 to 70 64K X 8 FLASH 12V PROM, 150 ns, PDSO32 Quadruple 2-Input Positive-NAND Gates 14-TVSOP -40 to 85 64K X 8 FLASH 12V PROM, 200 ns, PDSO32 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 64K X 8 FLASH 12V PROM, 120 ns, PQCC32 Quadruple 2-Input Positive-NAND Gates 14-TSSOP -40 to 85 512千比特(64亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 Hex Inverters 14-SOIC -40 to 85 64K X 8 FLASH 12V PROM, 90 ns, PDIP32 Quadruple 2-Input Positive-Nor Gates 14-SO -40 to 85 64K X 8 FLASH 12V PROM, 70 ns, PQCC32 Quadruple 2-Input Positive-Nor Gates 14-SOIC -40 to 85
|
Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
GD74LS00 |
Quadruple 2-Input Positive NAND Gates
|
LG Semicon
|